Electronic Components Datasheet Search
  English  ▼

X  

Z0409NF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # Z0409NF
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

Z0409NF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  Z0409NF Datasheet HTML 1Page - Inchange Semiconductor Company Limited Z0409NF Datasheet HTML 2Page - Inchange Semiconductor Company Limited Z0409NF Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Triacs
Z0409NF
www.iscsemi.com
1
FEATURES
· Highly sensitive triggering levels
· Blocking Voltage to 800 V
APPLICATIONS
· general purpose AC switching
· Home appliances (electrovalve, pump, door lock,
small lamp control)
· Fan speed controllers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
800
V
VRRM
Repetitive Peak Off-state Voltage
800
V
IT(RMS)
Non Repetitive Surge Peak On-state Current @
Ta=25℃
4
A
ITSM
Non-repetitive Peak On-state Current @
tp= 20ms
20
A
I2t
I2t Value for Fusing (tp=10ms)
2.2
A2S
PG(AV)
Average Gate Power Dissipation TJ = 125°C
0.2
W
TJ
Operating Junction Temperature
125
℃
Tstg
Storage Temperature
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
Thermal Resistance, Junction to
to ambient
100
℃
/W


Similar Part No. - Z0409NF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0409NF STMICROELECTRONICS-Z0409NF Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
4 A Triacs
logo
STMicroelectronics
Z0409NF STMICROELECTRONICS-Z0409NF Datasheet
90Kb / 8P
Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
05-Dec-2006
Z0409NF0AA2 STMICROELECTRONICS-Z0409NF0AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0409NF1AA2 STMICROELECTRONICS-Z0409NF1AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
More results

Similar Description - Z0409NF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com