Electronic Components Datasheet Search
  English  ▼

X  

1442683 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1442683
Description  SAC-3P- 3,0-PUR/M12FR P - Sensor/actuator cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1442683 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1442683 Datasheet HTML 1Page - PHOENIX CONTACT 1442683 Datasheet HTML 2Page - PHOENIX CONTACT 1442683 Datasheet HTML 3Page - PHOENIX CONTACT 1442683 Datasheet HTML 4Page - PHOENIX CONTACT 1442683 Datasheet HTML 5Page - PHOENIX CONTACT 1442683 Datasheet HTML 6Page - PHOENIX CONTACT 1442683 Datasheet HTML 7Page - PHOENIX CONTACT 1442683 Datasheet HTML 8Page - PHOENIX CONTACT 1442683 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position halogen-free, free cable end, on Socket angled M12, coding:
A, cable length: 3 m, with plastic knurl
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Save weight – our connectors with light plastic knurl
•
Commercial data
Item number
1442683
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CBA
Catalog page
Page 124 (PC-2011)
GTIN
4046356535441
Weight per piece (including packing)
75 g
Weight per piece (excluding packing)
69.7 g
Customs tariff number
85444290
Country of origin
US
SAC-3P- 3,0-PUR/M12FR P - Sensor/actuator cable
1442683
https://www.phoenixcontact.com/us/products/1442683
Jan 16, 2024, 6:55 AM
Page 1 (18)


Similar Part No. - 1442683

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1442609 PHOENIX-1442609 Datasheet
583Kb / 18P
SAC-4P-M12MR/ 3,0-PUR P - Sensor/actuator cable
logo
ATGBICS by Approved Tec...
1442610G1C-C ATGBICS-1442610G1C-C Datasheet
324Kb / 9P
1442610G1C AdTran Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
PHOENIX CONTACT
1442612 PHOENIX-1442612 Datasheet
582Kb / 18P
SAC-4P-M12MR/ 5,0-PUR P - Sensor/actuator cable
1442625 PHOENIX-1442625 Datasheet
582Kb / 18P
SAC-4P-M12MR/10,0-PUR P - Sensor/actuator cable
1442638 PHOENIX-1442638 Datasheet
581Kb / 18P
SAC-5P-M12MR/ 1,5-PUR P - Sensor/actuator cable
More results

Similar Description - 1442683

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1439544 PHOENIX-1439544 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A
1681017 PHOENIX-1681017 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-10,0-PUR/M12FR B
1442696 PHOENIX-1442696 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FR P
09/11/2020
1442764 PHOENIX-1442764 Datasheet
138Kb / 11P
Sensor/actuator cable - SAC-5P- 3,0-PUR/M12FR P
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1668195 PHOENIX-1668195 Datasheet
139Kb / 11P
Sensor/actuator cable - SAC-3P- 1,5-PUR/M12FR B
09/11/2020
1668218 PHOENIX-1668218 Datasheet
139Kb / 11P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FR B
09/11/2020
1693403 PHOENIX-1693403 Datasheet
157Kb / 12P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M12FR-2L
09/11/2020
1694402 PHOENIX-1694402 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR-2L
09/11/2020
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com