Electronic Components Datasheet Search
  English  ▼

X  

TL2575_0701 Datasheet(PDF) 22 Page - Texas Instruments

Part # TL2575_0701
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575_0701 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TL2575_0701 Datasheet HTML 18Page - Texas Instruments TL2575_0701 Datasheet HTML 19Page - Texas Instruments TL2575_0701 Datasheet HTML 20Page - Texas Instruments TL2575_0701 Datasheet HTML 21Page - Texas Instruments TL2575_0701 Datasheet HTML 22Page - Texas Instruments TL2575_0701 Datasheet HTML 23Page - Texas Instruments TL2575_0701 Datasheet HTML 24Page - Texas Instruments TL2575_0701 Datasheet HTML 25Page - Texas Instruments TL2575_0701 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TL2575HV-12INE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPD
N / A for Pkg Type
TL2575HV-15IKTTR
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
CU SN
Level-3-245C-168 HR
TL2575HV-15IKV
ACTIVE
TO-220
KV
5
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
TL2575HV-15IN
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPD
N / A for Pkg Type
TL2575HV-15INE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPD
N / A for Pkg Type
TL2575HV-33IKTTR
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
CU SN
Level-3-245C-168 HR
TL2575HV-33IKV
ACTIVE
TO-220
KV
5
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
TL2575HV-33IN
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPD
N / A for Pkg Type
TL2575HV-33INE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPD
N / A for Pkg Type
TL2575HV-ADJIKTTR
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS &
no Sb/Br)
CU SN
Level-3-245C-168 HR
TL2575HV-ADJIKV
ACTIVE
TO-220
KV
5
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
TL2575HV-ADJIN
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPD
N / A for Pkg Type
TL2575HV-ADJINE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPD
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jan-2007
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com