Electronic Components Datasheet Search
  English  ▼

X  

ISL97652 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL97652
Description  4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97652 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL97652 Datasheet HTML 5Page - Intersil Corporation ISL97652 Datasheet HTML 6Page - Intersil Corporation ISL97652 Datasheet HTML 7Page - Intersil Corporation ISL97652 Datasheet HTML 8Page - Intersil Corporation ISL97652 Datasheet HTML 9Page - Intersil Corporation ISL97652 Datasheet HTML 10Page - Intersil Corporation ISL97652 Datasheet HTML 11Page - Intersil Corporation ISL97652 Datasheet HTML 12Page - Intersil Corporation ISL97652 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
FN9287.0
December 21, 2006
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
POS1
Op-amp 1 non-inverting input
2
OUT1
Op-amp 1 output
3
VGL
GPM lower supply pin
4
CE
GPM delay pin
5
VFLK
GPM control pin
6
VDPM
GPM enable pin
7
RE
GPM output voltage slope adjust pin
8
VGHM
GPM output voltage
9
VGH
GPM higher supply pin
10
FBP
Positive charge pump feedback voltage
11
GND
Positive and negative charge pump Ground connection
12
DRVP
Positive charge pump driver output pin
13
SUP
Positive and negative charge pump supply
14
DRVN
Negative charge pump driver output pin
15
AGND
Device analog Ground
16
FBN
Negative charge pump feedback voltage
17
REF
Reference voltage for all internal functions and external VOFF feedback
18
DLY1
Buck and negative charge pump delay pin
19
SSB
Buck soft-start pin
20
VCB
Buck compensation pin
21
FBB
Buck feedback voltage
22
CBOOT
Buck boot-strap capacitor
23, 24
SWB1, SWB2
Buck FET source connection
25, 26
PVIN1, PVIN2
Input supply
27
VDC
Internal regulated 5V supply - attach external decoupling capacitor
28
FREQ
Switching frequency select pin
29
DLY2
Boost and positive charge pump delay pin
30
SS
Boost soft-start pin
31
VC
Boost compensation pin
32
EN2
Boost and positive charge pump enable
33
EN1
Buck and negative charge pump enable
34
PGND1
Device power GND
35, 36
PGND2, PGND3
Boost FET source connection
37, 38
SW1, SW2
Boost FET drain connection
39
SWI
AVDD delay switch source connection
40
SUI
AVDD start-up in-rush control
41
FB
Boost feedback voltage
42
SWO
AVDD delay switch drain connection
43
AVIN
VCOM amplifier positive supply pin
44
NEG2
Op-amp 2 inverting input
45
POS2
Op-amp 2 non-inverting input
46
OUT2
Op-amp 2 output
47
OGND
Op-amp ground
48
NEG1
Op-amp 1 inverting input
ISL97652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com