Electronic Components Datasheet Search
  English  ▼

X  

R3000 Datasheet(PDF) 10 Page - QuWireless

Part # R3000
Description  INTEGRATED MULTI-BAND 5G DIRECTIONAL ANTENNA WI-FI 6E OMNI ANTENNA GPS ANTENNA POE SPLITTER PLACE TO INSTALL ROBUSTEL R3000 (ALL-IN-ONE)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

R3000 Datasheet(HTML) 10 Page - QuWireless

Back Button R3000 Datasheet HTML 5Page - QuWireless R3000 Datasheet HTML 6Page - QuWireless R3000 Datasheet HTML 7Page - QuWireless R3000 Datasheet HTML 8Page - QuWireless R3000 Datasheet HTML 9Page - QuWireless R3000 Datasheet HTML 10Page - QuWireless R3000 Datasheet HTML 11Page - QuWireless R3000 Datasheet HTML 12Page - QuWireless R3000 Datasheet HTML 13Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PORT 2 - 5G/LTE from 650MHz to 950MHz
PORT 2 - 5G/LTE from 1.71GHz to 2.17GHz
ELEVATION
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
650 MHz
800 MHz
950 MHz
-3 dB
AZIMUTH
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
650 MHz
800 MHz
950 MHz
-3 dB
ELEVATION
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
1710 MHz
1900 MHz
2170 MHz
-3 dB
AZIMUTH
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
1710 MHz
1900 MHz
2170 MHz
-3 dB
DATASHEET / QuMax for Robustel R3000
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 10
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com