Electronic Components Datasheet Search
  English  ▼

X  

1239639 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1239639
Description  SACC-CI-M12MS-8CON-L90 SCOX - Contact carrier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1239639 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1239639 Datasheet HTML 1Page - PHOENIX CONTACT 1239639 Datasheet HTML 2Page - PHOENIX CONTACT 1239639 Datasheet HTML 3Page - PHOENIX CONTACT 1239639 Datasheet HTML 4Page - PHOENIX CONTACT 1239639 Datasheet HTML 5Page - PHOENIX CONTACT 1239639 Datasheet HTML 6Page - PHOENIX CONTACT 1239639 Datasheet HTML 7Page - PHOENIX CONTACT 1239639 Datasheet HTML 8Page - PHOENIX CONTACT 1239639 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Contact carrier, 8-position, Pin, angled, M12-SPEEDCON, coding: A, PCB mounting, Wave
soldering, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb <0.1%)
Your advantages
Reduced mounting costs thanks to two-piece device connector
•
All common pin assignments and codings available
•
Easy device integration thanks to mechanical port screw connections with threaded attachment, press-in contour or direct integration in the front
plate
•
Additional gasket for the device when not plugged in
•
Commercial data
Item number
1239639
Packing unit
20 pc
Minimum order quantity
20 pc
Product key
ABQAHM
GTIN
4063151433710
Weight per piece (including packing)
5.34 g
Weight per piece (excluding packing)
5.34 g
Country of origin
DE
SACC-CI-M12MS-8CON-L90 SCOX - Contact carrier
1239639
https://www.phoenixcontact.com/us/products/1239639
Jan 15, 2024, 8:12 AM
Page 1 (16)


Similar Part No. - 1239639

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239630 PHOENIX-1239630 Datasheet
517Kb / 14P
SACC-CI-M12MS-5CON-L90 SCOX - Contact carrier
1239633 PHOENIX-1239633 Datasheet
312Kb / 9P
SACC-DSI-FS-12CON-L180 SCO SHX - Device connector rear mounting
1239634 PHOENIX-1239634 Datasheet
294Kb / 8P
SACC-DSI-MS-12CON-L180 SCO SHX - Device connector rear mounting
1239635 PHOENIX-1239635 Datasheet
380Kb / 9P
SACC-DSI-FS-17CON-L180 SCO SHX - Device connector, rear mounting
1239636 PHOENIX-1239636 Datasheet
260Kb / 7P
SACC-DSI-MS-17CON-L180 SCO SHX - Device connector rear mounting
More results

Similar Description - 1239639

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1440928 PHOENIX-1440928 Datasheet
367Kb / 9P
SACC-MCI-M12MS-8CON - Contact carrier
1424194 PHOENIX-1424194 Datasheet
670Kb / 15P
SACC-CI-M12MS-12CON-L90 - Contact carrier
1436987 PHOENIX-1436987 Datasheet
818Kb / 17P
SACC-CI-M12MS-8CON-L90 SCO - Flush-type connector
1437038 PHOENIX-1437038 Datasheet
825Kb / 17P
SACC-CI-M12MS-8CON-L90 SH SCO - Flush-type connector
1457526 PHOENIX-1457526 Datasheet
705Kb / 15P
SACC-CI-M12MS- 5CON-TOR 32 - Contact carrier
1457827 PHOENIX-1457827 Datasheet
501Kb / 10P
SACC-MCI-M12MS-8CON/0,5 - Contact carrier
1411986 PHOENIX-1411986 Datasheet
630Kb / 13P
SACC-CI-M12MS-8P SMD R32 - Contact carrier
1424193 PHOENIX-1424193 Datasheet
612Kb / 14P
SACC-CI-M12FSY-8CON-L90 - Contact carrier
1411924 PHOENIX-1411924 Datasheet
742Kb / 13P
SACC-CI-M12MS-4P SMD T - Contact carrier
1238713 PHOENIX-1238713 Datasheet
556Kb / 14P
SACC-CI-M12FSY-8CON-L180 THRX - Contact carrier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com