Electronic Components Datasheet Search
  English  ▼

X  

055-044 Datasheet(PDF) 1 Page - Deep Sea Electronics

Part # 055-044
Description  REMOTE SYNC LOCK CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

055-044 Datasheet(HTML) 1 Page - Deep Sea Electronics

  055-044 Datasheet HTML 1Page - Deep Sea Electronics 055-044 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The DSE7570 Sync Lock Controller has been
designed for manual connection and
disconnection from the mains (utility) supply.
The Sync Lock Controller provides a user-
friendly zero-sync/phase locking solution,
that is easily integrated with generators
controlled by the DSE7510 or DSE8610 Load
Share module. With forward and backward
synchronising with the mains/utility supply,
the DSE7570 is ideal for temporary generator
installations.
Where access is restricted, the DSE Sync
Lock Interface is used to provide up to a
maximum distance of 200 m between the
DSE7570 Sync Lock Controller and the
DSE7510 or DSE8610 Load Share module.
dse7570
REMOTE SYNC LOCK CONTROLLER
dse
Genset
®
FEATURES
ENVIRONMENTAL TESTING STANDARDS
ELECTRO-MAGNETIC COMPATIBILITY
BS EN 61000-6-2
EMC Generic Immunity Standard for
the Industrial Environment
BS EN 61000-6-4
EMC Generic Emission Standard for
the Industrial Environment
ELECTRICAL SAFETY
BS EN 60950
Safety of Information Technology Equipment,
including Electrical Business Equipment
TEMPERATURE
BS EN 60068-2-1
Ab/Ae Cold Test -30
oC
BS EN 60068-2-2
Bb/Be Dry Heat +70
oC
VIBRATION
BS EN 60068-2-6
Ten sweeps in each of three
major axes
5 Hz to 8 Hz @ +/-7.5 mm,
8 Hz to 500 Hz @ 2 gn
HUMIDITY
BS EN 60068-2-30
Db Damp Heat Cyclic 20/55
oC
@ 95% RH 48 Hours
BS EN 60068-2-78
Cab Damp Heat Static 40
oC
@ 93% RH 48 Hours
SHOCK
BS EN 60068-2-27
Three shocks in each of three major axes
15 gn in 11 mS
DEGREES OF PROTECTION
PROVIDED BY ENCLOSURES
BS EN 60529
IP67 - When case is closed.
1ph
2ph
3ph
N
1ph
2ph
3ph
N
VOLTS
GENERATOR
SENSING
VOLTS
DC POWER
SUPPLY 8-35V
MAINS (UTILITY)
SENSING
ISSUE 1
COMPREHENSIVE FEATURE LIST TO SUIT A WIDE VARIETY
OF GEN-SET HIRE APPLICATIONS
7
OTHER
DSE7570
MSC LINK
7570
7510/8610


Similar Part No. - 055-044

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
055-0002 MULTICOMP-055-0002 Datasheet
229Kb / 3P
Yellow ESD Caution Labels
28/06/22 V1.0
logo
Deep Sea Electronics
055-050 DSE-055-050 Datasheet
84Kb / 2P
dse855
055-050 DSE-055-050 Datasheet
96Kb / 2P
USB TO RS485 COMMUNICATIONS DEVICE
055-051 DSE-055-051 Datasheet
299Kb / 1P
SCADA SUITE PC SOFTWARE
055-051 DSE-055-051 Datasheet
84Kb / 2P
dse855
More results

Similar Description - 055-044

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
Remote Controller MCU
logo
Siemens Semiconductor G...
SDA9220-5 SIEMENS-SDA9220-5 Datasheet
1Mb / 42P
Memory Sync Controller III
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
Remote Controller MCU
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
logo
Unisonic Technologies
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
ENCODER FOR REMOTE CONTROLLER
logo
List of Unclassifed Man...
CS-732 ETC2-CS-732 Datasheet
276Kb / 8P
Remote Controller Electric Lock
TX-F02 ETC2-TX-F02 Datasheet
264Kb / 5P
Wireless Remote Controller/Transmitter
logo
Mean Well Enterprises C...
RFP-M8M4-5A MEANWELL-RFP-M8M4-5A Datasheet
2Mb / 4P
Wireless RGBW remote controller
logo
E-CMOS Corporation
ECF9000 E-CMOS-ECF9000 Datasheet
387Kb / 3P
RFID remote controller
logo
Unisonic Technologies
RCR02 UTC-RCR02_18 Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com