Electronic Components Datasheet Search
  English  ▼

X  

65051 Datasheet(PDF) 31 Page - Texas Instruments

Part # 65051
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65051 Datasheet(HTML) 31 Page - Texas Instruments

Back Button 65051 Datasheet HTML 27Page - Texas Instruments 65051 Datasheet HTML 28Page - Texas Instruments 65051 Datasheet HTML 29Page - Texas Instruments 65051 Datasheet HTML 30Page - Texas Instruments 65051 Datasheet HTML 31Page - Texas Instruments 65051 Datasheet HTML 32Page - Texas Instruments 65051 Datasheet HTML 33Page - Texas Instruments 65051 Datasheet HTML 34Page - Texas Instruments 65051 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
www.ti.com
Vref
VL
VH
VH -VL
R3+R4=R5 x
-1
R4=R5 x
()
(11)
BP
FB1
Cff
R2
R1
R5
R6
FB2
R7
R8
FB4
R11
R12
R3
R4
R9
R10
FB3
Vout1
THRESHOLD
HYSTERESIS
RESET
Vout1
1MW
R3
R4
R5
Vout1=2.85V
L2
DEFDCDC2
EN_DCDC1
VDCDC2
PGND2
AGND
EN_LDO1
EN_DCDC2
VLDO3
VINDCDC1/2
L1
FB_DCDC1
PGND1
VLDO1
VIN_LDO2
VIN_LDO3/4
EN_LDO2
EN_LDO3
EN_LDO4
Vout2=1.575V
VLDO2
VLDO1=3.3V
VLDO2=1.8V
VLDO3=1.2V
VLDO4
VLDO4=1.3V
VCC
MODE
1 F
m
1 W
TPS65051
VIN_LDO1
10 F
m
10 F
m
0.1 F
m
Vbat
2.2 H
m
2.2 H
m
4.7 F
m
4.7 F
m
2.2 F
m
2.2 F
m
Vbat
Vbat
Vbat
Vbat
Vbat
2.2 H
m
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
LAYOUT CONSIDERATIONS (continued)
Figure 26. RESET Circuit
31
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com