Electronic Components Datasheet Search
  English  ▼

X  

GP241U Datasheet(PDF) 1 Page - QuWireless

Part # GP241U
Description  Gigabit Passive PoE Power Supply UK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

GP241U Datasheet(HTML) 1 Page - QuWireless

  GP241U Datasheet HTML 1Page - QuWireless GP241U Datasheet HTML 2Page - QuWireless GP241U Datasheet HTML 3Page - QuWireless GP241U Datasheet HTML 4Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QuPSU-GP241U
Gigabit Passive PoE Power Supply UK
Gigabit Passive PoE power supply 24V, 1A, 24W dedicated to all QuSpot, QuMax and QuMini antennas with installed
all Gigabit Ethernet Teltonika routers inside (RUTX50, RUTM50, RUTX09, RUTX11, RUTX12, RUTX14). This power supply
is also compatible with other devices that support gigabit Passive PoE at 24V. Version with EU power cord.
- Passive PoE Power Supply UK
- Output: 24V, 1A
- Input: AC100-240V 50/60Hz
- UK power cord
- Wall mount holder included
- CE, ATE, HIPOT
- Caution: Indoor use only
DATASHEET / QuPSU-GP241U
VERSION / 2.07


Similar Part No. - GP241U

ManufacturerPart #DatasheetDescription
logo
QuWireless
GP241E QUWIRELESS-GP241E Datasheet
1,001Kb / 4P
Gigabit Passive PoE Power Supply EU
More results

Similar Description - GP241U

ManufacturerPart #DatasheetDescription
logo
Level One
POR-0220 LVL1-POR-0220 Datasheet
446Kb / 3P
Gigabit PoE-Plus Repeater
logo
Pulse A Technitrol Comp...
JK0-0133NL PULSE-JK0-0133NL Datasheet
258Kb / 5P
PULSEJACK Single-Port Gigabit PoE
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
POR-0120 LVL1-POR-0120 Datasheet
714Kb / 2P
Gigabit PoE Repeater
logo
Red Lion Controls. Inc
1000-POE REDLION-1000-POE Datasheet
404Kb / 2P
Gigabit Mid-Span Power Over Ethernet Plus (PoE)
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Pulse A Technitrol Comp...
J428 PULSE-J428 Datasheet
258Kb / 5P
Single-Port Gigabit PoE
J429 PULSE-J429 Datasheet
1Mb / 6P
2xN Gigabit PoE
J427 PULSE-J427 Datasheet
1Mb / 5P
2xN Gigabit PoE Plus
logo
Bothhand USA, LP.
EBU-101GLF BOTHHAND-EBU-101GLF Datasheet
215Kb / 2P
Gigabit & High Power Base Unit for PoE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com