Electronic Components Datasheet Search
  English  ▼

X  

P248E Datasheet(PDF) 4 Page - QuWireless

Part # P248E
Description  Passive PoE Power Supply EU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

P248E Datasheet(HTML) 4 Page - QuWireless

  P248E Datasheet HTML 1Page - QuWireless P248E Datasheet HTML 2Page - QuWireless P248E Datasheet HTML 3Page - QuWireless P248E Datasheet HTML 4Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OTHER
MTBF
30,000 operating hours confidence-level at 80% load, 25°C
OPERATING TEMPERATURE
-10°C … +45°C
STORAGE TEMPERATURE
-20°C … +85°C
HUMIDITY
5% @ 0°C, 90% @ 40°C
SIZE
84 x 44 x 30mm (LxWxH)
SAFETY
CE: EMC/LVD / FCC Part 15 Class B/ EN55022 Class B/ EN55024
WWW.QUWIRELESS.COM
Sales email: sales@quwireless.com
Tel: +48 513 900 416
Support email: support@quwireless.com
Website: www.quwireless.com
Address: Wireless Instruments Sp. z o.o., ul. Kościuszki 27, 52-116 Iwiny, Poland
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.
DATASHEET / QuPSU P248E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com