Electronic Components Datasheet Search
  English  ▼

X  

P248U Datasheet(PDF) 3 Page - QuWireless

Part # P248U
Description  Passive PoE Power Supply EU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

P248U Datasheet(HTML) 3 Page - QuWireless

  P248U Datasheet HTML 1Page - QuWireless P248U Datasheet HTML 2Page - QuWireless P248U Datasheet HTML 3Page - QuWireless P248U Datasheet HTML 4Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LINE REGULATION
± 3%
LOAD REGULATION
± 5%
RIPPLE
240mVpp
TURN ON DELAY TIME
max. 5s
RISE TIME
max. 40ms
HOLD UP TIME
min. 5ms
OVERSHOOT
max. 15%
PROTECTIONS
Short circuit, over current (110 … 200% of DC output)
ETHERNET PORTS
Input (LAN): 1x RJ45 10/100Mbps
Output (PoE): 1x RJ45 10/100Mbps
POE MODE
mode B: pins 4,5 + / pins 7,8 -
LEDS
Green: Power supply is on, Blue: PoE device connected
DATASHEET / QuPSU P248U
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 3
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com