Electronic Components Datasheet Search
  English  ▼

X  

UCC28019P Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28019P
Description  8-Pin Continuous Conduction Mode (CCM) PFC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28019P Datasheet(HTML) 41 Page - Texas Instruments

Back Button UCC28019P Datasheet HTML 37Page - Texas Instruments UCC28019P Datasheet HTML 38Page - Texas Instruments UCC28019P Datasheet HTML 39Page - Texas Instruments UCC28019P Datasheet HTML 40Page - Texas Instruments UCC28019P Datasheet HTML 41Page - Texas Instruments UCC28019P Datasheet HTML 42Page - Texas Instruments UCC28019P Datasheet HTML 43Page - Texas Instruments UCC28019P Datasheet HTML 44Page - Texas Instruments UCC28019P Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
www.ti.com
Brown Out Protection
0
150
VINS
VINS _ V
I
I
=
´
150
0 1
150
VINS
I
.
A
A
m
m
=
´
=
75
AC( on )
V
V
=
65
AC ( off )
V
V
=
1
2
AC( on )
F _ BRIDGE
ENABLE _ th(max)
VINS
VINS
V
V
VINS
R
I
´
-
-
=
1
2
75
0 95
1 6
6 9
150
VINS
V
. V
. V
R
. M
A
m
´
-
-
=
=
W
1
2
2
ENABLE _ th(max)
VINS
VINS
AC( on )
ENABLE _ th(max)
F _ BRIDGE
VINS
R
R
V
VINS
V
´
=
´
-
-
2
1 6
6 5
100
2
75
1 6
0 95
VINS
. V
. M
R
k
V
. V
. V
´
W
=
=
W
´
-
-
UCC28019
SLUS755 – APRIL 2007
Select the top divider resistor into the VINS pin so as not to contribute excessive power loss. The extremely low
bias current into VINS means the value of RVINS1 could be hundreds of megaohms. For practical purposes, a
value less than 10 M
Ω is usually chosen. Assuming approximately 150 times the input bias current through the
resistor dividers will result in an RVINS1 that is less than 10 MΩ , so as to not contribute excessive noise, and still
maintain minimal power loss. The brown out protection will turn off the gate drive when the input falls below the
user programmable minimum voltage, VAC(off), and turn on when the input rises above VAC(on).
A 6.5-M resistance is chosen.
41
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com