Electronic Components Datasheet Search
  English  ▼

X  

UCD7230PWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # UCD7230PWPR
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7230PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD7230PWPR Datasheet HTML 2Page - Texas Instruments UCD7230PWPR Datasheet HTML 3Page - Texas Instruments UCD7230PWPR Datasheet HTML 4Page - Texas Instruments UCD7230PWPR Datasheet HTML 5Page - Texas Instruments UCD7230PWPR Datasheet HTML 6Page - Texas Instruments UCD7230PWPR Datasheet HTML 7Page - Texas Instruments UCD7230PWPR Datasheet HTML 8Page - Texas Instruments UCD7230PWPR Datasheet HTML 9Page - Texas Instruments UCD7230PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
UCD7230
SLUS741C – NOVEMBER 2006 – REVISED MARCH 2007
V
DD = PVDD = 12 V, 4.7-µF from VDD to AGND, 1 µF from PVDD to PGND, 0.1 µF from CSBIAS to AGND, 0.22 µF from BST to
SW, T
A = TJ = -40°C to +125°C, RCS+ = 5 kΩ, RDLY = 50 kΩ over operating free-air temperature range (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
Supply current, off
VDD = 4.2 V
500
700
µA
Supply current
Outputs not switching IN = LOW
5
8
mA
LOW-VOLTAGE UNDER-VOLTAGE LOCKOUT
VDD UVLO ON
VDD rising
4.25
4.50
4.75
V
VDD UVLO OFF
VDD falling
4.00
4.25
4.50
VDD UVLO hysteresis
100
250
400
mV
REFERENCE / EXTERNAL BIAS SUPPLY
3V3 initial set point
TA = 25°C
3.267
3.3
3.333
V
3V3 over temperature
3.234
3.3
3.366
3V3 load regulation
ILOAD = 1 mA to 10 mA, VDD = 5V
1
7
mV
VDD = 4.75 V to 12 V, ILOAD = 10
3V3 line regulation
3
10
mA
Short circuit current
VDD = 4.75 V to 12 V
11
20
mA
3V3 OK threshold, ON
3.3 V rising
2.8
3
3.2
V
3V3 OK threshold, OFF
3.3 V falling
2.6
2.8
3.0
INPUT SIGNAL (IN)
Positive-going input threshold
INHigh
1.6
1.9
2.2
voltage
Negative-going input threshold
INLow
1.0
1.3
1.6
V
voltage
INHigh –
Input voltage hysteresis
0.4
0.6
0.8
INLow
Input resistance to AGND
50
100
150
k
Ω
Frequency ceiling
2
MHz
CURRENT LIMIT (ILIM)
ILIM internal voltage setpoint
ILIM=OPEN
0.47
0.50
0.53
V
ILIM input impedance
20
42
65
k
Ω
CLF output high level
ILOAD = 4 mA
2.7
V
CLF output low level
ILOAD = 4 mA
0.6
Propagation delay from IN to reset
2nd IN rising to CLF falling after a
15
35
ns
CLF
current limit event
CURRENT SENSE COMPARATOR (OUTPUT SENSE)
ILIM = open
40
50
60
ILIM = 3.3 V
80
100
120
CS threshold (POS - NEG)
mV
ILIM = 0.75 V
60
75
90
ILIM = 0.25 V
15
25
35
Propagation delay from POS to
ILIM = open, CS = threshold + 60 mV
90
OUT1 falling(1)
ns
Propagation delay from POS to
ILIM = open, CS = threshold + 60 mV
100
CLF(1)
(1)
As designed and characterized. Not 100% tested in production.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com