Electronic Components Datasheet Search
  English  ▼

X  

1668043 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1668043
Description  SAC-4P-M12MS/ 1,5-PUR - Sensor/actuator cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1668043 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1668043 Datasheet HTML 1Page - PHOENIX CONTACT 1668043 Datasheet HTML 2Page - PHOENIX CONTACT 1668043 Datasheet HTML 3Page - PHOENIX CONTACT 1668043 Datasheet HTML 4Page - PHOENIX CONTACT 1668043 Datasheet HTML 5Page - PHOENIX CONTACT 1668043 Datasheet HTML 6Page - PHOENIX CONTACT 1668043 Datasheet HTML 7Page - PHOENIX CONTACT 1668043 Datasheet HTML 8Page - PHOENIX CONTACT 1668043 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 4-position halogen-free, Plug straight M12, coding: A, on free cable end,
cable length: 1.5 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Commercial data
Item number
1668043
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CCA
Catalog page
Page 194 (C-2-2019)
GTIN
4017918136659
Weight per piece (including packing)
50.4 g
Weight per piece (excluding packing)
48 g
Customs tariff number
85444290
Country of origin
DE
SAC-4P-M12MS/ 1,5-PUR - Sensor/actuator cable
1668043
https://www.phoenixcontact.com/us/products/1668043
Jan 16, 2024, 4:42 AM
Page 1 (18)


Similar Part No. - 1668043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1668014 PHOENIX-1668014 Datasheet
539Kb / 18P
SAC-3P-M12MS/1,5-PUR - Sensor/actuator cable
1668027 PHOENIX-1668027 Datasheet
548Kb / 18P
SAC-3P-M12MS/3,0-PUR - Sensor/actuator cable
1668030 PHOENIX-1668030 Datasheet
548Kb / 18P
SAC-3P-M12MS/5,0-PUR - Sensor/actuator cable
1668056 PHOENIX-1668056 Datasheet
580Kb / 18P
SAC-4P-M12MS/ 3,0-PUR - Sensor/actuator cable
1668069 PHOENIX-1668069 Datasheet
580Kb / 18P
SAC-4P-M12MS/ 5,0-PUR - Sensor/actuator cable
More results

Similar Description - 1668043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403947 PHOENIX-1403947 Datasheet
120Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/1,5-600 HD
09/11/2020
1415585 PHOENIX-1415585 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 1,5-PVC
09/11/2020
1519286 PHOENIX-1519286 Datasheet
104Kb / 4P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR SH
12/06/2018
1545014 PHOENIX-1545014 Datasheet
82Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/25,0-PUR/M12FS
12/06/2018
1668108 PHOENIX-1668108 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M12FS
09/11/2020
1668386 PHOENIX-1668386 Datasheet
159Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PUR/M12FS
09/11/2020
1694075 PHOENIX-1694075 Datasheet
81Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PUR/M12FS
12/07/2018
1696332 PHOENIX-1696332 Datasheet
82Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR/M12FS
12/07/2018
1696400 PHOENIX-1696400 Datasheet
86Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR
12/02/2018
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com