Electronic Components Datasheet Search
  English  ▼

X  

CT1-T Datasheet(PDF) 2 Page - LEM

Part # CT1-T
Description  Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CT1-T Datasheet(HTML) 2 Page - LEM

  CT1-T Datasheet HTML 1Page - LEM CT1-T Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Remarks
• V
OUT is positive when IP flows in the direction of the arrow.
• This transducer induces into the primary circuit a square
wave of 70 mV amplitude (frequency
≈ 220 Hz). This voltage
can induce an AC current in the primary if the primary
impedance is low.
• This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
• General tolerance
± 0.3 mm
• Fastening
2 x M5 screws
• Connection of primary
M5 threaded studs
• Connection of secondary
M5 threaded studs
Fastening torque max
2.2 Nm or 1.62 Lb - Ft
Dimensions CT 1-T (in mm. 1 mm = 0.0394 inch)
Secondary terminals
Terminal + : supply voltage + 15 V
Terminal M : measure
Terminal 0 : 0 V
Terminal
- : supply voltage - 15 V
Connection
Front view
Top view
Left view
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com