Electronic Components Datasheet Search
  English  ▼

X  

B6F Datasheet(PDF) 3 Page - Zemic Europe B.V.

Part # B6F
Description  Type B6F Load Cell
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

B6F Datasheet(HTML) 3 Page - Zemic Europe B.V.

  B6F Datasheet HTML 1Page - Zemic Europe B.V. B6F Datasheet HTML 2Page - Zemic Europe B.V. B6F Datasheet HTML 3Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type B6F Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.11 B6F Rev7
info@zemic.nl
Page 3/3
www.zemiceurope.com
Dimensions in mm
Front View
Side View
Top View
Isometric View
Dimension
Capacity
B
B1
H
H1
H2
L
L1
L2
M
N
150kg
44
24
75
50
30
156
112
14
M12
5
250 – 500kg
60
36
95
70
30
146
110
11
M12
5
750kg – 2000kg
76
46
125
95
65
176
110
24
M16
8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com