Electronic Components Datasheet Search
  English  ▼

X  

B8Q Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # B8Q
Description  Type B8Q Load Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

B8Q Datasheet(HTML) 2 Page - Zemic Europe B.V.

  B8Q Datasheet HTML 1Page - Zemic Europe B.V. B8Q Datasheet HTML 2Page - Zemic Europe B.V. B8Q Datasheet HTML 3Page - Zemic Europe B.V. B8Q Datasheet HTML 4Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type B8Q Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2022.11 B8Q Rev5
info@zemic.nl
Page 2/4
www.zemiceurope.com
Technical Specifications B8Q
Accuracy Class
C3
OIML R60 C3
Output Sensitivity ( = FS )
mV/V
2.0 ± 0.002
Maximum Capacity ( Emax )
kg
200
500, 1000, 2000
Max. Number of Load Cell Intervals
nLC
3000
Ratio of min. LC Verification Interval
Y = Emax / vmin
10000
15000
Combined Error
%FS
≤± 0.0230
Creep Error (30 minutes)
%FS
≤± 0.016
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.015
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.011
Zero Balance
%FS
≤± 1.0
Safe Overload
%FS
150
Ultimate Overload
%FS
300
Maximum Deflection
mm
0.12 ~ 0.57
Excitation, Recommended Voltage
V
5 ~ 12
Excitation, Maximum Voltage
V
18
Input Resistance
Ω
1000 ± 5 (W6= 380 ± 15)
1106 ± 5 (W6= 380 ± 15)
Output Resistance
Ω
1000 ± 3 (W6= 350 ± 3)
Insulation Resistance (50V)
MΩ
≥5000
Compensated Temperature
°C
-10~ + 40
Operating Temperature
°C
-35 ~ + 70
Load Cell Weight
kg
200kg – 500kg: ~0.5
1000kg: 0.6
2000kg: 0.7
Element Material
Stainless Steel
Ingress Protection (acc. to EN 60529)
IP67
Recommended Torque on Fixation Bolts
Nm
M12: 75
Wiring
Features:
Cable type:
Shielded, 4 conductor cable , conductor AWG 22
Cable diameter: Ø 5.0mm
Cable length:
3m
Cable jacket:
Polyurethane
Shield not connected to element
4-Wire Connection Diagram
Input(+)
Output(-)
Input (-)
Output(+)
Red
White
Black
Green



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com