Electronic Components Datasheet Search
  English  ▼

X  

CV3-2000 Datasheet(PDF) 2 Page - LEM

Part # CV3-2000
Description  Voltage Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CV3-2000 Datasheet(HTML) 2 Page - LEM

  CV3-2000 Datasheet HTML 1Page - LEM CV3-2000 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Front view
Top view
Left view
Mechanical characteristics
• General tolerance
± 0.3 mm
• Transducer fastening
3 holes
∅ 5.5 mm
3 M5 steel screws
Fastening torque max
4 Nm or 2.95 Lb. - Ft.
• Connection of primary
M5 threaded studs
• Connection of secondary
M5 threaded studs
• Fastening torque max
2.2 Nm or 1.62 Lb. -Ft.
Secondary terminals
Terminal + : supply voltage + 15 V
Terminal M : measure
Terminal 0 : 0 V
Terminal
-
: supply voltage - 15 V
Connection
Dimensions CV 3-2000 (in mm. 1 mm = 0.0394 inch)
Remarks
• V
S is positive when VP is applied on terminal +HT.
• CEM tested with a shielded secondary cable.
Shield connected to 0 V at both ends, or disconnected.
• This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Red
Blue



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com