Electronic Components Datasheet Search
  English  ▼

X  

DCVT1000SP1 Datasheet(PDF) 2 Page - LEM

Part # DCVT1000SP1
Description  Voltage Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DCVT1000SP1 Datasheet(HTML) 2 Page - LEM

  DCVT1000SP1 Datasheet HTML 1Page - LEM DCVT1000SP1 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Dimensions DCVT 1000/SP1 (in mm. 1mm = 0.0394 inch)
Remark
• I
S is positive when VP is applied on terminal +HT.
Mechanical characteristics
• General tolerance
± 1 mm
• Transducer fastening
2 holes
∅ 6.5 mm
Distance between holes
124 mm
• Connection
Primary
2m halogen free 1 x 1.5 mm2 cable
Secondary
2m halogen free 2 x 0.5 mm2 + EMC screen
• Recommended fastening torque 2.2 Nm or 1.62 Lb-Ft.
Front view
Left view
Top view
100
138
63
40
124
d6.5
HT+
HT-
100
2m
2m
Vp
Vout
a
-b
0
Vout=a*Vp-b --> Vp=(Vout+b)/a
a=0.01 +/-0.5%
b=0.3 +/-0.1
9.7
0.26
56
1000
1400
13.7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com