Electronic Components Datasheet Search
  English  ▼

X  

DHR100C5 Datasheet(PDF) 2 Page - LEM

Part # DHR100C5
Description  AC/DC Current transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DHR100C5 Datasheet(HTML) 2 Page - LEM

  DHR100C5 Datasheet HTML 1Page - LEM DHR100C5 Datasheet HTML 2Page - LEM DHR100C5 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Note :
1) Between primary (completely filling the aperture) and secondary.
Output polarity with DC input
Current Transducer DHR-C5
Isolation characteristics
V
b
Rated isolation voltage rms
300
V
with IEC 61010-1 acc. to the 61326 standards and following conditions :
- Reinforced isolation
- Over voltage category CAT III
- Pollution degree PD2
- Heterogeneous field
V
d
Rms voltage for AC isolation test 1), 50 Hz, 1min
4.6
kV
dCp
Creepage distance
8.89
mm
dCl
Clearance distance
8.89
mm
CTI
Comparative tracking index (Group I)
> 600
Output in V
5
0
+Ipn
-Ipn
061128/14
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 2/3
Safety
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the
manufacturer’s operating instructions.
Installation and maintenance should be done with main power supply
disconnected.
The operator must have an accreditation to install this material.
Caution! Risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (e.g. primary conductor, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
The user must take care of all protection guarantee against electrical shock.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation. A protective housing or additional shield could be used.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com