Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA014V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA014V1
Description  VIPer12A travel adaptor 3.6W output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA014V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA014V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA014V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA014V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA014V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA014V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office
March 2006
Rev 1
1/5
5
STEVAL-ISA014V1
VIPer12A travel adaptor 3.6W output
Features
■
Switch mode general purpose power supply
■
Input: 85 to 264Vac @ 50/60Hz
■
Output: 6V @ 600mA
■
Output power : 3.6W
■
Switching frequency 60kHz
■
Current mode control
■
65% efficiency
■
9V to 40V wide range VDD voltage
■
Auxiliary undervoltage lockout with hysteresis
■
High voltage start up current source
■
Overtemperature, overcurrent and overvoltage
protection.
Reference design genaral
description
The travel adaptor design presented here has
been made with the aim of minimizing overall cost
for a secondary voltage and current regulated
adapter topology widely used in cellular phone
adapters. Thanks to the VIPer12A low power
consumption, it is possible to achieve 100mW
standby power in a wide range of operations, as
recommended by the "European Commission of
Energy".
ST Components
■
VIPer12AS
■
SMBY01-200
STEVAL-ISA014V1
www.st.com


Similar Part No. - STEVAL-ISA014V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA011V1 STMICROELECTRONICS-STEVAL-ISA011V1 Datasheet
95Kb / 4P
VIPER12ADIP-E low power AC/DC adapter demonstration board (suitable for the STEVAL-ILL002V1)
23-Sep-2010
STEVAL-ISA012V1 STMICROELECTRONICS-STEVAL-ISA012V1 Datasheet
92Kb / 4P
3 phase power supply with VIPer and Power MOSFETs
28-Nov-2007
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
Output short circuit protection
20-Jul-2007
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
Safety compliant in accordance with EN60950
29-Nov-2007
More results

Similar Description - STEVAL-ISA014V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY266P POWERINT-TNY266P Datasheet
218Kb / 17P
3.6W Cell Phone Charger
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
6W Dual Output Supply using VIPer12A
01-Feb-2006
logo
Phihong USA Inc.
PSA-15-201 PHIHONG-PSA-15-201 Datasheet
70Kb / 2P
Dual Output Adaptor
logo
Mean Well Enterprises C...
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
60W Single Output Moistureproof Adaptor
OWA-90U MEANWELL-OWA-90U Datasheet
116Kb / 6P
90W Single Output Moistureproof Adaptor
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
3.6W Constant Output Power Class-D Audio Amplifier
logo
Mitsumi Electronics, Co...
ADP-USB-S2 MITSUMI-ADP-USB-S2 Datasheet
118Kb / 2P
10W USB Output AC adaptor
ADP-USB-W1 MITSUMI-ADP-USB-W1 Datasheet
71Kb / 2P
4W USB Output AC Adaptor
logo
GAPTEC Electronic GmbH ...
3.6DABT GAPTEC-3.6DABT Datasheet
1Mb / 3P
3.6W - Single Output - Isolated & Regulated IGBT dedicated DC-DC converter
logo
STMicroelectronics
AN1484 STMICROELECTRONICS-AN1484 Datasheet
1Mb / 11P
A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A
Apr-2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com