Electronic Components Datasheet Search
  English  ▼

X  

LMX2485 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2485
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2485 Datasheet HTML 1Page - National Semiconductor (TI) LMX2485 Datasheet HTML 2Page - National Semiconductor (TI) LMX2485 Datasheet HTML 3Page - National Semiconductor (TI) LMX2485 Datasheet HTML 4Page - National Semiconductor (TI) LMX2485 Datasheet HTML 5Page - National Semiconductor (TI) LMX2485 Datasheet HTML 6Page - National Semiconductor (TI) LMX2485 Datasheet HTML 7Page - National Semiconductor (TI) LMX2485 Datasheet HTML 8Page - National Semiconductor (TI) LMX2485 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Electrical Characteristics (V
CC = 3.0V; -40˚C
≤ T
A
≤ +85˚C unless otherwise specified) (Continued)
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
PHASE NOISE
L
F1HzRF
RF Synthesizer
Normalized Phase Noise
Contribution (Note 7)
RF_CPG = 0
-202
dBc/Hz
RF_CPG = 1
-202
RF_CPG = 3
-206
RF_CPG = 7
-208
RF_CPG = 15
-210
L
F1HzIF
IF Synthesizer
Normalized Phase Noise
Contribution
-209
dBc/Hz
DIGITAL INTERFACE (DATA, CLK, LE, ENOSC, CE, Ftest/LD, FLoutRF)
V
IH
High-Level Input Voltage
1.6
V
CC
V
V
IL
Low-Level Input Voltage
0.4
V
I
IH
High-Level Input Current V
IH =VCC
-1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0 V
-1.0
1.0
µA
V
OH
High-Level Output
Voltage
I
OH = -500 µA
V
CC-0.4
V
V
OL
Low-Level Output
Voltage
I
OL = 500 µA
0.4
V
MICROWIRE INTERFACE TIMING
t
CS
Data to Clock Set Up
Time
See MICROWIRE Input Timing
25
ns
t
CH
Data to Clock Hold Time See MICROWIRE Input Timing
8
ns
t
CWH
Clock Pulse Width High
See MICROWIRE Input Timing
25
ns
t
CWL
Clock Pulse Width Low
See MICROWIRE Input Timing
25
ns
t
ES
Clock to Load Enable
Set Up Time
See MICROWIRE Input Timing
25
ns
t
EW
Load Enable Pulse
Width
See MICROWIRE Input Timing
25
ns
Note 3: A slew rate of at least 100 V/uS is recommended for frequencies below 500 MHz for optimal performance.
Note 4: For Phase Detector Frequencies above 20 MHz, Cycle Slip Reduction (CSR) may be required. Legal divide ratios are also required.
Note 5: Refer to table in Section 2.4.2 RF_CPG -- RF PLL Charge Pump Gain for complete listing of charge pump currents.
Note 6: In order to measure the in-band spur, the fractional word is chosen such that when reduced to lowest terms, the fractional numerator is one. The spur offset
frequency is chosen to be the comparison frequency divided by the reduced fractional denominator. The loop bandwidth must be sufficiently wide to negate the
impact of the loop filter. Measurement conditions are: Spur Offset Frequency = 10 kHz, Loop Bandwidth = 100 kHz, Fraction = 1/2000, Comparison Frequency =
20 MHz, RF_CPG = 7, DITH = 0, and a 4th Order Modulator (FM = 0). These are relatively consistent over tuning range.
Note 7: Normalized Phase Noise Contribution is defined as: LN(f) = L(f) – 20log(N) – 10log(fCOMP) where L(f) is defined as the single side band phase noise
measured at an offset frequency, f, ina1Hz Bandwidth. The offset frequency, f, must be chosen sufficiently smaller than the PLL loop bandwidth, yet large enough
to avoid substantial phase noise contribution from the reference source. Measurement conditions are: Offset Frequency = 11 kHz, Loop Bandwidth = 100 kHz for
RF_CPG = 7, Fraction = 1/2000, Comparison Frequency = 20 MHz, FM = 0, DITH = 0.
MICROWIRE INPUT TIMING DIAGRAM
20087775
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com