Electronic Components Datasheet Search
  English  ▼

X  

AFE2256 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE2256
Description  AFE2256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE2256 Datasheet(HTML) 1 Page - Texas Instruments

  AFE2256 Datasheet HTML 1Page - Texas Instruments AFE2256 Datasheet HTML 2Page - Texas Instruments AFE2256 Datasheet HTML 3Page - Texas Instruments AFE2256 Datasheet HTML 4Page - Texas Instruments AFE2256 Datasheet HTML 5Page - Texas Instruments AFE2256 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AFE2256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
1 Features
• 256 Channels
• On-Chip, 16-Bit ADC
• Photodiode Short Immunity
• High Performance:
– Noise: 750 Electrons RMS
(1.2-pC Input Charge Range)
– Low Correlated Noise
– Integral Nonlinearity:
±2 LSB with Internal 16-Bit ADC
– Scan Time: < 20 µs to 204.8 µs
• Integration:
– Six Selectable, Full-Scale Input Ranges:
0.6 pC (Minimum) to 9.6 pC (Maximum)
– Internal Timing Generator (TG)
– Built-In Correlated Double Sampler
– Pipelined Integrate-and-Read for Improved
Throughput—Data-Read During Integration
– Serial LVDS Output
• Simple Power-Supply Scheme:
– AVDD1 = 1.85 V
– AVDD2 = 3.3 V
• Low Power Consumption
• Nap and Total Power-Down Modes
• Custom Chip-On-Film (COF) Packages
2 Applications
• Flat-Panel, X-Ray Detectors
• Charge Detectors
• Capacitance Measurement
3 Description
The AFE2256 is a 256-channel, analog front-end
(AFE) designed to suit the requirements of flat-panel
detector (FPD) based digital x-ray systems. The
device includes 256 integrators, a programmable gain
amplifier (PGA) for full-scale charge level selection,
a correlated double sampler with dual banking, and
256:4 analog multiplexers.
The device also features four 16-bit successive-
approximation
register
(SAR)
analog-to-digital
converters (ADCs). Serial data from the ADCs are
available in low-voltage differential signaling (LVDS)
format.
The nap and power-down modes enable substantial
power savings, and are especially useful in battery-
powered systems.
To request a full datasheet or other design resources:
request AFE2256
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AFE2256
TDU (COF, 320) 38.00 mm × 28.00 mm
TDR (COF, 325) 48.35 mm × 21.5 mm
TBN (COF, 325) 48.35 mm × 21.5 mm
(1)
For all available packages, see Section 6.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
16-Bit
ADC[3:0]
ADC
ADC
LVDS
Serializer
Timing and Control
MCLK, SYNC, TP_SEL
Reference
Voltage
VREF
AFE2256
DCLK_P,
DCLK_M
DOUT_P,
DOUT_M
FCLK_P,
FCLK_M
SDATA, SDOUT, SCLK, SEN
SPI
ADC
Pixel Cap
[255:0]
Integrators
and CDS
255 to 0
MUX
TFT Switch
Copyright © 2016, Texas Instruments Incorporated
AFE2256 Block Diagram
AFE2256
SBAS693C – MARCH 2015 – REVISED DECEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AFE2256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256 Datasheet
126Kb / 7P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI2-AFE2256 Datasheet
445Kb / 6P
AFE2256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED DECEMBER 2023
AFE2256TBN TI2-AFE2256TBN Datasheet
445Kb / 6P
AFE2256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED DECEMBER 2023
AFE2256TBN.A TI2-AFE2256TBN.A Datasheet
445Kb / 6P
AFE2256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED DECEMBER 2023
More results

Similar Description - AFE2256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256_17 Datasheet
126Kb / 7P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2257 TI1-AFE2257 Datasheet
139Kb / 6P
256-Channel, analog front-end for digital X-ray, flat-panel detectors
AFE3256 TI-AFE3256 Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com