Electronic Components Datasheet Search
  English  ▼

X  

HM8 Datasheet(PDF) 1 Page - Zemic Europe B.V.

Part # HM8
Description  Type HM8 Load Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

HM8 Datasheet(HTML) 1 Page - Zemic Europe B.V.

  HM8 Datasheet HTML 1Page - Zemic Europe B.V. HM8 Datasheet HTML 2Page - Zemic Europe B.V. HM8 Datasheet HTML 3Page - Zemic Europe B.V. HM8 Datasheet HTML 4Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type HM8 Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.01 HM8 Rev9
info@zemic.nl
Page 1/4
www.zemiceurope.com
Short Description
•
Nickel plated alloy steel IP68 shear beam load cell
Test certificate no. TC8103 Revision 0
•
Hermetically sealed
C of C no R60/2000-NL1-12.14
•
Suitable for truck, track, hopper and
other electronic weighing devices
•
Includes HY-8-101 Load button
Available Models
Capacity
Accuracy
Full Article Description
1t
C3 Excluded from OIML
HM8-C3-1t-6.5B6 + HY-8-101-0.5/3t
2t
C3 Excluded from OIML
HM8-C3-2t-6.5B6 + HY-8-101-0.5/3t
3t
C3 Excluded from OIML
HM8-C3-3t-6.5B6 + HY-8-101-0.5/3t
5t
C3
HM8-C3-5t-6.5B6 + HY-8-101-5t
10t
C3
HM8-C3-10t-6.5B6 + HY-8-101-10/15t
15t
C3
HM8-C3-15t-6.5B6 + HY-8-101-10/15t
20t
C3
HM8-C3-20t-6.5B6 + HY-8-101-20/25t
25t
C3
HM8-C3-25t-6.5B6 + HY-8-101-20/25t
30t
C3 Excluded from OIML
HM8-C3-30t-6.5B6 + HY-8-101-30t


Similar Part No. - HM8

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM80 BITECH-HM80 Datasheet
102Kb / 1P
ISDN Isolation Transformers
HM80-10001 BITECH-HM80-10001 Datasheet
102Kb / 1P
ISDN Isolation Transformers
HM80-10011 BITECH-HM80-10011 Datasheet
102Kb / 1P
ISDN Isolation Transformers
HM80-11004 BITECH-HM80-11004 Datasheet
102Kb / 1P
ISDN Isolation Transformers
HM80-12007 BITECH-HM80-12007 Datasheet
102Kb / 1P
ISDN Isolation Transformers
More results

Similar Description - HM8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
65040 VISHAY-65040 Datasheet
352Kb / 3P
Double-Ended Shear Beam Load Cell
06-Jul-04
logo
List of Unclassifed Man...
PCI-9524 ETC2-PCI-9524 Datasheet
266Kb / 2P
24-Bit Precision Load Cell Input Card
logo
TE Connectivity Ltd
FX29 TEC-FX29 Datasheet
698Kb / 15P
Compact Compression Load Cell
logo
SparkFun Electronics
SEN-13332 SPARKFUN-SEN-13332 Datasheet
90Kb / 2P
Load Cell - 200kg, Disc (TAS606)
9??8??7
SEN-3331 SPARKFUN-SEN-3331 Datasheet
95Kb / 2P
Load Cell - 50kg, Disc (TAS606)
9??8??7
HX711 SPARKFUN-HX711 Datasheet
471Kb / 10P
Load Cell Amplifier HX711 Breakout Hookup Guide
9/9/2016
logo
G.M. International
D6263 GMI-D6263 Datasheet
137Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Repeater
D6264 GMI-D6264 Datasheet
148Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Converter
logo
KISTLER INSTRUMENT CORP...
9212M KISTLER-9212M Datasheet
242Kb / 2P
Quartz Load Cell High Impedance Load Cell
logo
Zemic Europe B.V.
B9C ZEMIC-B9C Datasheet
488Kb / 4P
Type B9C Load Cell
Rev6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com