Electronic Components Datasheet Search
  English  ▼

X  

JB-SS304 Datasheet(PDF) 1 Page - Zemic Europe B.V.

Part # JB-SS304
Description  Type JB-SS304 Junction Box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

JB-SS304 Datasheet(HTML) 1 Page - Zemic Europe B.V.

  JB-SS304 Datasheet HTML 1Page - Zemic Europe B.V. JB-SS304 Datasheet HTML 2Page - Zemic Europe B.V. JB-SS304 Datasheet HTML 3Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type JB-SS304 Junction Box
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.09 JB-SS304 Rev6
info@zemic.nl
Page 1/3
www.zemiceurope.com
Short Description
•
Junction box, fit for 4-wire load cells
•
Stainless steel housing (AISI 304)
•
Easy installation
Available Models
Model
No. of Connections
Full Article Description
Part Number
JB-SS304
4
JB-SS304 4lcs (JXH-4)
30080100
6
JB-SS304 6lcs (JXH-6)
30080150
8
JB-SS304 8lcs (JXH-8)
30080200
10
JB-SS304 10lcs (JXH-10)
30080220
Technical Specifications JB-SS304
Load Cell output Resistance Range
Ω
340 to 1100
Load Cell input Resistance Range
Ω
340 to 1100
Excitation, Recommended Voltage
V(AC&DC)
5 to 15
Excitation, Maximum
V(AC&DC)
20
Load Cell Sensitivity Range
mV/V
0.6 – 3
Cable Ø
mm
5 to 6.2
Correction Method
Excitation trim
Trimming Range
Ω
20 (±10)
Temperature Range, Operating
°C
-40 ~ +85
Ingress Protection
IP65
Housing Connected to Shield
No
External Grounding
No


Similar Part No. - JB-SS304

ManufacturerPart #DatasheetDescription
logo
Japan Automatic Machine...
JB-SERIES JAM-JB-SERIES Datasheet
306Kb / 3P
2 Position Housing Connector Crimp 24-30 AWG
More results

Similar Description - JB-SS304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
MOST Junction Box
logo
Glenair, Inc.
140G100XO-0000 GLENAIR-140G100XO-0000 Datasheet
330Kb / 2P
Mini Junction Box
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
Small Junction Box
140G102XO-0000 GLENAIR-140G102XO-0000 Datasheet
348Kb / 2P
Medium Junction Box
140G103XO-0000 GLENAIR-140G103XO-0000 Datasheet
342Kb / 2P
Large Junction Box
140G107XO-0000 GLENAIR-140G107XO-0000 Datasheet
353Kb / 2P
Jumbo Junction Box
140G200XO-0000 GLENAIR-140G200XO-0000 Datasheet
342Kb / 1P
Octagonal Junction Box
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
Large Junction Box
logo
Japan Automatic Machine...
JC-0109-19 JAM-JC-0109-19 Datasheet
43Kb / 1P
JB terminal JB Terminal S type S-Type
17.7.21
JC-0109-20 JAM-JC-0109-20 Datasheet
33Kb / 1P
JB terminal JB Terminal L type L-Type
02.12.17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com