Electronic Components Datasheet Search
  English  ▼

X  

JB01 Datasheet(PDF) 1 Page - Zemic Europe B.V.

Part # JB01
Description  Type JB01 Junction Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

JB01 Datasheet(HTML) 1 Page - Zemic Europe B.V.

  JB01 Datasheet HTML 1Page - Zemic Europe B.V. JB01 Datasheet HTML 2Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type JB01 Junction Box
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2022.12 JB01 Rev5
info@zemic.nl
Page 1/2
www.zemiceurope.com
Short Description
•
Junction Box, fit for 4-wire and 6-wire load cells
•
Cast aluminium housing
•
Easy installation
•
Protective coating
Available Models
Model
Amount of Connections
Full Article Description
Part Number
JB01
3
JB01C-3
30010200
4
JB01C-4
30010300
6
JB01C-6
30010400
8
JB01C-8
30010500
Detailed Specifications JB01
Load Cell Output Resistance Range
Ω
340 to 1100
Load Cell Input Resistance Range
Ω
340 to 1100
Excitation, Recommended Voltage
V(AC&DC)
5 to 20
Excitation, Maximum Voltage
V(AC&DC)
30
Load Cell Sensitivity Range
mV/V
0.6 – 6.2
Cable Diameter Ø
mm
5 - 6.2
Correction Method
Excitation trim
Trimming Range
Ω
24
Temperature Range, Operating
°C
-40…+85
Ingress Protection
IP66
Housing Connected to Shield
Yes
External Grounding
Yes


Similar Part No. - JB01

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
JB0010BK KNIGHTSBRIDGE-JB0010BK Datasheet
187Kb / 1P
IP66 Outdoor Enclosure, x-large
17/04/2024
JB0011 KNIGHTSBRIDGE-JB0011 Datasheet
261Kb / 1P
IP68 16A Plug and Socket Cable Connector (3-Pole)
17/04/2024
JB002 KNIGHTSBRIDGE-JB002 Datasheet
217Kb / 1P
IP68 16A Weatherproof Inline Connector (3 Pole)
16/04/2024
JB003 KNIGHTSBRIDGE-JB003 Datasheet
226Kb / 1P
IP68 16A 3-Way Cable Connector (3-Pole)
16/04/2024
JB004 KNIGHTSBRIDGE-JB004 Datasheet
249Kb / 1P
IP68 16A Weatherproof Connector Box
16/04/2024
More results

Similar Description - JB01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
MOST Junction Box
logo
Glenair, Inc.
140G100XO-0000 GLENAIR-140G100XO-0000 Datasheet
330Kb / 2P
Mini Junction Box
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
Small Junction Box
140G102XO-0000 GLENAIR-140G102XO-0000 Datasheet
348Kb / 2P
Medium Junction Box
140G103XO-0000 GLENAIR-140G103XO-0000 Datasheet
342Kb / 2P
Large Junction Box
140G107XO-0000 GLENAIR-140G107XO-0000 Datasheet
353Kb / 2P
Jumbo Junction Box
140G200XO-0000 GLENAIR-140G200XO-0000 Datasheet
342Kb / 1P
Octagonal Junction Box
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
Large Junction Box
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
Composite Junction Box Adapter
logo
Hammond Manufacturing L...
1414A HAMMOND-1414A Datasheet
167Kb / 1P
Type 12 Mild Steel Junction Box 1414 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com