Electronic Components Datasheet Search
  English  ▼

X  

B1614 Datasheet(PDF) 3 Page - EPCOS

Part # B1614
Description  Low-Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1614 Datasheet(HTML) 3 Page - EPCOS

  B1614 Datasheet HTML 1Page - EPCOS B1614 Datasheet HTML 2Page - EPCOS B1614 Datasheet HTML 3Page - EPCOS B1614 Datasheet HTML 4Page - EPCOS B1614 Datasheet HTML 5Page - EPCOS B1614 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Apr 26, 2005
SAW Components
B1614
1220,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= –40 ˚C ... +85 ˚C
Terminating source impedance:
ZS = 100 Ω
Terminating load impedance:
ZL = 100 Ω
min.
typ.
max.
Nominal frequency
fN
—
1220,00
—
MHz
Maximum insertion attenuation
α
max
1216,00 ... 1224,00 MHz
—
2,3
3,0
dB
Amplitude ripple in passband (p-p)
∆α
1216,00 ... 1224,00 MHz
—
0,3
1,0
dB
Attenuation*)
*) The minimum value for the attenuation specification is derived from the worst point of the filter’s stopband over
temperature and production variation. This worst point is the peak of the spike, appearing in a stopband segment.
The attenuation close beside this spike is better than stated in the specification for the stopband segment.
α
500,00 ... fN–91,00 MHz
54,0
58,0
—
dB
fN–91,00 ... fN–85,00 MHz
54,0
58,0
—
dB
fN–76,00 ... fN–68,00 MHz
50,0
54,0
—
dB
fN–88,00 MHz
54,0
60,0
—
dB
fN–72,00 MHz
50,0
60,0
—
dB
fN–44,00 MHz
45,0
50,0
—
dB
fN–36,00 MHz
42,0
48,0
—
dB
fN+70,00 ... 2000,00 MHz
54,0
60,0
—
dB
Group delay ripple (p-p)
∆τ
1216,00 ... 1224,00 MHz
—
15,0
—
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com