Electronic Components Datasheet Search
  English  ▼

X  

IPS06LCAD000000SM000000 Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # IPS06LCAD000000SM000000
Description  IANOS patch module, 6xSM, LCD APC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

IPS06LCAD000000SM000000 Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  IPS06LCAD000000SM000000 Datasheet HTML 1Page - Huber+Suhner, Inc. IPS06LCAD000000SM000000 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Modules
IANOS patch module, 6xSM, LCD APC
IPS-06-LCAD-00-0000-SM-00-0000
Properties
• 6 x LC duplex patch
module
• Fast and tool-less
installation
• Facilitates patching to
transceiver
• Compact and robust
plastic construction
• Compatible with IANOS
chassis
• Colour coded LC duplex
adapters
General data
Product family
IANOS
Module type
Patching Module
Fiber quantity
12
Mechanical data
Dimensions (LxWxH)
172mm x 97mm x 12mm
Weight
0.05 kg
Module material
Plastic
Module colour
Jet Black (RAL 9005)
Number of adapter front
6 pcs
Adapter family front
LC
Housing colour adapter front
Green
hubersuhner.com


Similar Part No. - IPS06LCAD000000SM000000

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
IPS06LCMD000000O4000000 HUBERSUHNER-IPS06LCMD000000O4000000 Datasheet
373Kb / 2P
IANOS patch module, 6xOM4, LCD PC
IPS06LCUD000000SM000000 HUBERSUHNER-IPS06LCUD000000SM000000 Datasheet
447Kb / 3P
IANOS patch module, 6xSM, LCD UPC
More results

Similar Description - IPS06LCAD000000SM000000

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
logo
List of Unclassifed Man...
SYMIM5 ETC2-SYMIM5 Datasheet
32Kb / 1P
APC Symmetra LX Intelligence Module
logo
Schneider Electric
SMT750 SCHNEIDER-SMT750 Datasheet
94Kb / 2P
APC Smart-UPS 750VA LCD 120V
Mar 22, 2018
SMT1500I SCHNEIDER-SMT1500I Datasheet
135Kb / 3P
APC Smart-UPS 1500VA LCD 230V
May 8, 2018
SMT3000RMT2U SCHNEIDER-SMT3000RMT2U Datasheet
88Kb / 3P
APC Smart-UPS 3000VA RM 2U LCD 208V
Sep 17, 2021
SMT750I SCHNEIDER-SMT750I Datasheet
105Kb / 3P
APC Smart-UPS 750VA LCD 230V
Sep 20, 2021
SMT2200 SCHNEIDER-SMT2200 Datasheet
110Kb / 4P
APC Smart-UPS 2200VA LCD 120V
May 11, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com