Electronic Components Datasheet Search
  English  ▼

X  

IPS06LCUD000000SM000000 Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # IPS06LCUD000000SM000000
Description  IANOS patch module, 6xSM, LCD UPC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

IPS06LCUD000000SM000000 Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  IPS06LCUD000000SM000000 Datasheet HTML 1Page - Huber+Suhner, Inc. IPS06LCUD000000SM000000 Datasheet HTML 2Page - Huber+Suhner, Inc. IPS06LCUD000000SM000000 Datasheet HTML 3Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA SHEET
Modules
IANOS patch module, 6xSM, LCD UPC
IPS-06-LCUD-00-0000-SM-00-0000
Properties
• 6 x LC duplex patch
module
• Fast and tool-less
installation
• Facilitates patching to
transceiver
• Compact and robust
plastic construction
• Compatible with IANOS
chassis
• Colour coded LC duplex
adapters
General data
Product family
IANOS
Module type
Patching Module
Fiber quantity
12
Mechanical data
Dimensions (LxWxH)
172mm x 97mm x 12mm
Weight
0.05 kg
Module material
Plastic
Module colour
Jet Black (RAL 9005)
Number of adapter front
6 pcs
Adapter family front
LC
Housing colour adapter front
Blue
Environmental data
Free of halogene
Yes
hubersuhner.com


Similar Part No. - IPS06LCUD000000SM000000

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
IPS06LCAD000000SM000000 HUBERSUHNER-IPS06LCAD000000SM000000 Datasheet
376Kb / 2P
IANOS patch module, 6xSM, LCD APC
IPS06LCMD000000O4000000 HUBERSUHNER-IPS06LCMD000000O4000000 Datasheet
373Kb / 2P
IANOS patch module, 6xOM4, LCD PC
More results

Similar Description - IPS06LCUD000000SM000000

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
LCD Module
logo
List of Unclassifed Man...
ADT-01-1192-1313-0007 ETC-ADT-01-1192-1313-0007 Datasheet
256Kb / 1P
Fiber Optic Patch Cord MDC/UPC-MDC/UPC G657A1 OFNR 2.0mm
Rev. A
ADT-01-1192-1313-0008 ETC-ADT-01-1192-1313-0008 Datasheet
256Kb / 1P
Fiber Optic Patch Cord MDC/UPC-MDC/UPC OM3-300 OFNR 2.0mm
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com