Electronic Components Datasheet Search
  English  ▼

X  

B4150 Datasheet(PDF) 4 Page - EPCOS

Part # B4150
Description  Low-Loss Filter for Mobile Communication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4150 Datasheet(HTML) 4 Page - EPCOS

  B4150 Datasheet HTML 1Page - EPCOS B4150 Datasheet HTML 2Page - EPCOS B4150 Datasheet HTML 3Page - EPCOS B4150 Datasheet HTML 4Page - EPCOS B4150 Datasheet HTML 5Page - EPCOS B4150 Datasheet HTML 6Page - EPCOS B4150 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
May 07, 2001
SAW Components
B4150
1960,0 MHz
Low-Loss Filter for Mobile Communication
Data sheet
Characteristics
Operating temperature range:
T
= -30 to +80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0
...1990,0
MHz
—
3,2
5,3
dB
Amplitude ripple (p-p)
∆α
1930,0
...1990,0
MHz
—
1,2
3,2
dB
Input return loss
1930,0
...1990,0
MHz
9,5
10,5
dB
Output return loss
1930,0
...1990,0
MHz
9,5
10,5
dB
Attenuation
α
10,0
...1850,0
MHz
20,0
21,0
—
dB
1850,0
...1910,0
MHz
15,0
20,0
—
dB
2040,0
...2100,0
MHz
25,0
27,0
—
dB
2100,0
...5000,0
MHz
20,0
25,0
—
dB
5000,0
...6000,0
MHz
8,0
18,0
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com