Electronic Components Datasheet Search
  English  ▼

X  

B9011 Datasheet(PDF) 3 Page - EPCOS

Part # B9011
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9011 Datasheet(HTML) 3 Page - EPCOS

  B9011 Datasheet HTML 1Page - EPCOS B9011 Datasheet HTML 2Page - EPCOS B9011 Datasheet HTML 3Page - EPCOS B9011 Datasheet HTML 4Page - EPCOS B9011 Datasheet HTML 5Page - EPCOS B9011 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jan 23, 2004
SAW Components
B9011
836,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= 25
± 2 ˚C
Terminating source impedance:
ZS = 100 Ω || 82nH (balanced)
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
836,5
—
MHz
Maximum insertion attenuation
α
max
824,0
... 849,0
MHz
—
2,1
2,6
dB
Amplitude ripple (p-p)
∆α
824,0
... 849,0
MHz
—
0,7
1,3
dB
Input VSWR
824,0
... 849,0
MHz
—
1,7
2,0
Output VSWR
824,0
... 849,0
MHz
—
1,7
2,0
Output phase balance
(φ(S31)−φ(S21)+180˚)
824,0
... 849,0
MHz
-10
—
10
degree
Output amplitude balance
(|S31/S21|)
824,0
... 849,0
MHz
-1,0
—
1,0
dB
Diff. to common mode suppression
Ssc12
824,0
... 849,0
MHz
18
36
—
dB
1648,0
... 1698,0
MHz
18
50
—
dB
2472,0
... 2547,0
MHz
18
34
—
dB
Attenuation
α
0,0
... 779,0
MHz
50
68
—
dB
779,0
... 804,0
MHz
25
50
—
dB
804,0
... 814,0
MHz
14
23
—
dB
859,0
... 869,0
MHz
9
20
—
dB
869,0
... 925,0
MHz
25
29
—
dB
925,0
...3576,0
MHz
30
50
—
dB
3576,0
...6000,0
MHz
15
50
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com