Electronic Components Datasheet Search
  English  ▼

X  

B9017 Datasheet(PDF) 4 Page - EPCOS

Part # B9017
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9017 Datasheet(HTML) 4 Page - EPCOS

  B9017 Datasheet HTML 1Page - EPCOS B9017 Datasheet HTML 2Page - EPCOS B9017 Datasheet HTML 3Page - EPCOS B9017 Datasheet HTML 4Page - EPCOS B9017 Datasheet HTML 5Page - EPCOS B9017 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Jan 27 2004
SAW Components
B9017
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 150 Ω || 82 nH (balanced)
1) 2,6 dB for T = -30 to +80 ˚C 2) 1,7 dB for T = -30 to +80 ˚C
Other guaranteed values for T = -30 to +80 ˚C same as for T = -10 to +80 ˚C
min.
typ.
max.
Center frequency
fC
—
942,5
—
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
—
1,7
2,11) dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
—
0,7
1,22) dB
Input VSWR
925,0
... 960,0
MHz
—
1,8
2,0
Output VSWR
925,0
... 960,0
MHz
—
1,8
2,0
Attenuation
α
0,0
... 480,0
MHz
45
55
—
dB
480,0
... 880,0
MHz
30
39
—
dB
880,0
... 905,0
MHz
23
38
—
dB
905,0
... 915,0
MHz
18
28
—
dB
980,0
...1500,0
MHz
23
30
—
dB
1500,0
...6000,0
MHz
30
44
—
dB
Diff. to common mode suppression
Ssc12
925,0
... 960,0
MHz
20
30
—
dB
824,0
... 995,0
MHz
20
26
—
dB
1648,0
... 1990,0
MHz
20
46
—
dB
3296,0
... 3980,0
MHz
20
42
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com