Electronic Components Datasheet Search
  English  ▼

X  

B9019 Datasheet(PDF) 6 Page - EPCOS

Part # B9019
Description  Low-Loss Filter for Mobile Communication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9019 Datasheet(HTML) 6 Page - EPCOS

  B9019 Datasheet HTML 1Page - EPCOS B9019 Datasheet HTML 2Page - EPCOS B9019 Datasheet HTML 3Page - EPCOS B9019 Datasheet HTML 4Page - EPCOS B9019 Datasheet HTML 5Page - EPCOS B9019 Datasheet HTML 6Page - EPCOS B9019 Datasheet HTML 7Page - EPCOS B9019 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Feb 19, 2004
SAW Components
B9019
1842,5 MHz
Low-Loss Filter for Mobile Communication
Preliminary Data
Characteristics
Operating Temperature Range:
T
= -30 to +85˚C
Terminating source impedance:
ZS = 50Ω (unbalanced) + 2,2 nH
Terminating load impedance:
ZL = 50Ω (unbalanced)
min.
typ.
max.
Center frequency
fC
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
—
2,5
3,2
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
—
1,3
2,1
dB
Input VSWR
1805,0
...1880,0
MHz
—
2,1
2,4
Output VSWR
1805,0
...1880,0
MHz
—
2,1
2,5
Attenuation
α
0,0
... 1480,0
MHz
30
33
—
dB
1480,0
... 1705,0
MHz
28
32
—
dB
1705,0
... 1785,0
MHz
10
13
—
dB
1920,0
... 1980,0
MHz
18
24
—
dB
1980,0
... 2160,0
MHz
24
26
—
dB
2160,0
... 2400,0
MHz
29
34
—
dB
2400,0
... 2500,0
MHz
30
33
—
dB
2500,0
... 3610,0
MHz
25
29
—
dB
3610,0
... 3760,0
MHz
30
38
—
dB
3760,0
... 6000,0
MHz
30
38
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com