Electronic Components Datasheet Search
  English  ▼

X  

HAL200-S Datasheet(PDF) 2 Page - LEM

Part # HAL200-S
Description  Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAL200-S Datasheet(HTML) 2 Page - LEM

  HAL200-S Datasheet HTML 1Page - LEM HAL200-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEM have a policy of continual product improvement and the company reserves the right to revise the above specification without prior notice.
Secondary terminals
Terminal 1
: supply voltage + 15 V
Terminal 2
: supply voltage - 15 V
Terminal 3
: output
Terminal 4
: 0V
Remarks
• V
OUT is positive when IP flows in the direction of the arrow.
• Temperature of the primary conductor should not exceed
90°C.
• This is a standard model. For different versions (supply
voltages, secondary connections, unidirectional measure-
ments, operating temperatures, etc.) please contact us.
Mechanical characteristics
• General tolerance
± 0.5 mm
• Primary through-hole
20 mm x 15 mm
• Connection of secondary
Molex 5045-04-A
Dimensions HAL 200-S (in mm. 1 mm = 0.0394 inch)
Bottom view
Front view
Left view



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com