Electronic Components Datasheet Search
  English  ▼

X  

HAC100 Datasheet(PDF) 2 Page - LEM

Part # HAC100
Description  Current Transducers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAC100 Datasheet(HTML) 2 Page - LEM

  HAC100 Datasheet HTML 1Page - LEM HAC100 Datasheet HTML 2Page - LEM HAC100 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current transducer HAC 100..800-S
Isolation characteristics
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5 2)
kV
dCp
Creepage distance
> 5.5
mm
dCl
Clearance distance
> 5.5
mm
CTI
Comparative Tracking Index (Group IIIa)
> 220
Application examples
According to EN 50178 and CEI 61010-1 standards and following conditions :
· Over voltage category OV 3
· Pollution degree PD2
· Non-uniform field
Note :
2) Between primary and secondary
EN 50178
CEI 61010-1
dCp, dCI,
Rated isolation voltage
Nominal voltage
Single isolation
2.2 kVac
Cat II 1000 V rms
Reinforced isolation
1.2 kVac
Cat II 600 V rms
500 V
150 V
250 V
V
W
Cat III 250 V rms
Cat III 500 V rms
061114/7
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com