Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC2G53DCUTG4 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G53DCUTG4
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53DCUTG4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SN74LVC2G53DCUTG4 Datasheet HTML 25Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 26Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 27Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 28Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 29Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 30Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 31Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 32Page - Texas Instruments SN74LVC2G53DCUTG4 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.5)
TYP
(0.5) TYP
8X (
0.25)
(R0.05) TYP
METAL
TYP
4223082/A 07/2016
DSBGA - 0.5 mm max height
YZP0008
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SYMM
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE:40X
1
2
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com