Electronic Components Datasheet Search
  English  ▼

X  

HAS400-P Datasheet(PDF) 1 Page - LEM

Part # HAS400-P
Description  Current Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS400-P Datasheet(HTML) 1 Page - LEM

  HAS400-P Datasheet HTML 1Page - LEM HAS400-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current,
Type
RoHS since
current rms
measuring range
date code
I
PN (A)
I
PM (A)
50
± 150
HAS 50-P
46065
100
± 300
HAS 100-P
46062
200
± 600
HAS 200-P
planned
300
± 900
HAS 300-P
planned
400
± 900
HAS 400-P
46131
500
± 900
HAS 500-P
46216
600
± 900
HAS 600-P
planned
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
± 15
mA
Î
P
Overload capability
30,000
At
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
3
kV
V
b
Rated isolation voltage rms, safe separation
5001)
V
R
IS
Isolation resistance @ 500 VDC
> 1000
M
Ω
V
OUT
Output voltage (Analog)@ ± I
PN, RL = 10 kΩ, TA = 25°C
± 4 V ± 40 mV
R
OUT
Output internal resistance
approx. 100
Ω
R
L
Load resistance 6)
> 1
k
Ω
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (excluding offset)
< ± 1
%
ε
L
Linearity error 2) (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ± 20
mV
V
OH
Hysteresis offset voltage @ I
P = 0,
after an excursion of 1 x I
PN
< ± 20
mV
TCV
OE
Temperature coefficient of V
OE
HAS 50-P
< ± 2
mV/K
HAS 100..600-P
< ± 1
mV/K
TCV
OUT
Temperature coefficient of V
OUT (% of reading)
< ± 0.1
%/K
t
r
Response time to 90% of I
PN step
< 3
µs
di/dt
di/dt accurately followed
> 50
A/
µs
BW
Frequency bandwidth (small signal, -3dB) 3) 4)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 80
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
m
Mass
approx. 80
g
Standards 5)
EN 50082-2
Current Transducers HAS 50..600-P
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 50..600 A
V
OUT =
± 4 V
Notes : 1) Pollution class 2, overvoltage category III.
2) Linearity data exclude the electrical offset.
3) Please refer to derating curves in the technical file to avoid excessive
core heating at high frequency.
4) Amorphous core option for high frequency application.
5) Please consult characterisation report for more technical details and
application advice.
6) If the customer uses 1k
Ω of the load resistor, the primary current has to
be limited as the nominal.
Features
• Hall effect measuring principle
• Galvanic isolation between primary
and secondary circuit
• Isolation voltage 3000 V~
• Low power consumption
• Extended measuring range (3 x I
PN)
• Insulated plastic case made of
polycarbonate PBT recognized
according to UL 94-V0
• Right angle pins for direct PCB
mounting
Advantages
• Easy mounting
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external
interference.
Applications
• AC variable speed drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
Application Domain
• Industrial
061019/3
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/2


Similar Part No. - HAS400-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAS400-P LEM-HAS400-P Datasheet
132Kb / 2P
Current Transducers HAS 50~600-P
HAS400-P LEM-HAS400-P Datasheet
225Kb / 3P
Current Transducer
More results

Similar Description - HAS400-P

ManufacturerPart #DatasheetDescription
logo
LEM
CT0.1-P LEM-CT0.1-P Datasheet
892Kb / 3P
Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
Current Transducers
HAZ4000-SB LEM-HAZ4000-SB_07 Datasheet
879Kb / 3P
Current Transducers
HTB100-P LEM-HTB100-P_07 Datasheet
652Kb / 2P
Current Transducers
HTC1000-S LEM-HTC1000-S_07 Datasheet
554Kb / 2P
Current Transducers
HY50-P LEM-HY50-P_06 Datasheet
679Kb / 2P
Current Transducers
HY5-P LEM-HY5-P_06 Datasheet
685Kb / 2P
Current Transducers
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
Current Transducers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com