Electronic Components Datasheet Search
  English  ▼

X  

HAS400-S Datasheet(PDF) 1 Page - LEM

Part # HAS400-S
Description  Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS400-S Datasheet(HTML) 1 Page - LEM

  HAS400-S Datasheet HTML 1Page - LEM HAS400-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current,
Type
RoHS since
current rms
measuring range 5)
date code
I
PN (A)
I
PM (A)
50
± 150
HAS 50-S
45217
100
± 300
HAS 100-S
45325
200
± 600
HAS 200-S
45166
300
± 900
HAS 300-S
45326
400
± 900
HAS 400-S
45333
500
± 900
HAS 500-S
45201
600
± 900
HAS 600-S
45260
V
C
Supply voltage (± 5 %) 5)
± 15
V
I
C
Current consumption
± 15
mA
Î
P
Overload capability
30,000
At
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
3
kV
V
b
Rated isolation voltage rms, safe separation
5001)
V
R
IS
Isolation resistance @ 500 VDC
> 1000
M
Ω
V
OUT
Output voltage (Analog)@ ± I
PN, RL = 10 kΩ, TA = 25°C
± 4V ± 40
mV
R
OUT
Output internal resistance
approx. 100
Ω
R
L
Load resistance 6)
> 1
k
Ω
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ± 1
%
ε
L
Linearity error 2) (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ± 20
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
< ± 20
mV
TCV
OE
Temperature coefficient of V
OE
HAS 50-S
< ± 2
mV/K
HAS 100..600-S
< ± 1
mV/K
TCV
OUT
Temperature coefficient of V
OUT (% of reading)
< ± 0.1
%/K
t
r
Response time to 90% of I
P step
< 3
µs
di/dt
di/dt accurately followed
> 50
A/
µs
BW
Frequency bandwidth (- 3 dB) 3)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 80
°C
T
S
Ambient storage temperature
- 25 .. + 80
°C
m
Mass
approx. 60
g
Standards 4)
EN 50178: 1997
Current Transducer HAS 50 .. 600-S
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 50 .. 600 A
V
OUT =
± 4 V
Notes : 1) Pollution class 2, overvoltage category III.
2) Linearity data exclude the electrical offset.
3) Please refer to derating curves in the technical file to avoid excessive
core heating at high frequency.
4) Please consult characterisation report for more technical details and
application advice.
5) Operating at ±12V
≤ Vc < ±15V will reduce the measuring range.
6) If the customer uses 1k
Ω of the load resistor, the primary current has to
be limited as the nominal.
Features
• Hall effect measuring principle
• Galvanic isolation between primary
and secondary circuit
• Isolation voltage 3000 V~
• Low power consumption
• Extended measuring range (3 x I
PN)
• Insulated plastic case made of
polycarbonate PBT recognized
according to UL 94-V0
Advantages
• Easy mounting
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external
interference.
Applications
• AC variable speed drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
Application Domain
• Industrial
061019/7
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/2


Similar Part No. - HAS400-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAS400-S LEM-HAS400-S Datasheet
48Kb / 2P
Current Transducers HAS 50 to 600-S
HAS400-S LEM-HAS400-S Datasheet
217Kb / 3P
Current Transducer
More results

Similar Description - HAS400-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
LTS6-NP LEM-LTS6-NP_06 Datasheet
178Kb / 3P
Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com