Electronic Components Datasheet Search
  English  ▼

X  

PCE-CMM8 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CMM8
Description  CO2 Analyser PCE-CMM 8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CMM8 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CMM8 Datasheet HTML 1Page - PCE Instruments. PCE-CMM8 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CO2 Analyser PCE-CMM 8
CO2 Analyser for tabletop operation / Measures temperature, humidity and CO2 content of the air /
CO2 measuring range from 0… 9999 ppm / Traffic light function / Touchscreen / USB supply
With the CO2 meter you can ensure the right climate in your office. In addition to the CO2 content of the air, the CO2 meter measures the
relative humidity and room temperature. The CO2 meter shows carbon dioxide concentrations up to 9999 ppm, temperatures from -10… 50°C,
and relative humidity values from 20 … 95%. On the 3.5" display of the CO2 meter, the corresponding values can be read off directly, and the
color of the CO2 display changes to provide an objective statement about the quality of the room air based on the CO2 content. This makes it
particularly easy to assess the indoor air quality using the CO2 meter. For these reasons, the CO2 meter is particularly suitable for offices,
schools, public buildings or hospitals, and in general for all buildings and rooms in which people are present.
The CO2 meter displays the measured values numerically and graphically on the touchscreen. Operation is intuitive. The menu structure is
simple and user friendly. In addition to setting the date and time, the user can parameterize offsets for the measured values of temperature,
humidity and the CO2 content. The display can be dimmed automatically, for example at night. The CO2 meter is operated via the mini-USB
interface with a 5 V / 2 A power supply unit (not included).
Traffic light function when the limit value is exceeded
Touch display with lighting
Numerical display of the CO2 measured value
Progress display for °C, r.h., CO2
USB supply
Maintenance-free NDIR CO2 sensor
Innovative design
Measuring range up to 9999 ppm CO2


Similar Part No. - PCE-CMM8

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CMM8-ICA PCE-PCE-CMM8-ICA Datasheet
388Kb / 2P
CO2 Analyser PCE-CMM 8-ICA incl. ISO Calibration Certificate
More results

Similar Description - PCE-CMM8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
CFM/CMM Thermo Anemometer
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
Weidmuller
2425500000 WEIDMULLER-2425500000 Datasheet
798Kb / 5P
ENERGY ANALYSER 550
2425510000 WEIDMULLER-2425510000 Datasheet
547Kb / 5P
ENERGY ANALYSER D550
2489780000 WEIDMULLER-2489780000 Datasheet
534Kb / 5P
ENERGY ANALYSER D550-24
2602580000 WEIDMULLER-2602580000 Datasheet
380Kb / 4P
ENERGY ANALYSER 550-24
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com