Electronic Components Datasheet Search
  English  ▼

X  

R320 Datasheet(PDF) 4 Page - Zemic Europe B.V.

Part # R320
Description  R320 ABS Panel Mount and Full Housing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

R320 Datasheet(HTML) 4 Page - Zemic Europe B.V.

  R320 Datasheet HTML 1Page - Zemic Europe B.V. R320 Datasheet HTML 2Page - Zemic Europe B.V. R320 Datasheet HTML 3Page - Zemic Europe B.V. R320 Datasheet HTML 4Page - Zemic Europe B.V. R320 Datasheet HTML 5Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R300-744-320
Page 4
[2.2in]
57mm
[2.52in]
64mm
[5.51in]
140mm
[1.6in]
40mm
[5.29in]
134mm
[3.8in]
97mm
R320 Accessories
– Rear Boots
M3001
ABS boot with integral desk mount and mounting bracket
support with battery compartment f or 4AA batteries
M3003
IP65 boot also used f or rechargeable battery option
R320 Panel Mount
R320 with Rear Boot Desk Stand (M3001)
R320 Full ABS Housing
[0.22in]
5.5mm
[1.2in]
30mm
[2.4in]
62mm
[6.5in]
164mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com