Electronic Components Datasheet Search
  English  ▼

X  

HTB50-P Datasheet(PDF) 1 Page - LEM

Part # HTB50-P
Description  Current Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTB50-P Datasheet(HTML) 1 Page - LEM

  HTB50-P Datasheet HTML 1Page - LEM HTB50-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary continuous
Primary current,
Type
RoHS since
direct current
measuring range
date code
(nominal) I
PN DC (A)
I
PM (A)
± 50
± 150
HTB 50-P, HTB 50-TP1)
46104, 46166
± 100
± 300
HTB 100-P, HTB 100-TP1)
45178, 46183
± 200
± 500
HTB 200-P
45198
± 300
± 600
HTB 300-P
45225
± 400
± 600
HTB 400-P
46224
V
C
Supply voltage (± 5 %) 2)
± 12 .. 15
V
I
C
Current consumption
< ± 15
mA
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5
kV
R
IS
Isolation resistance @ 500 VDC
> 500
M
V
OUT
Output voltage (Analog) @ ± I
PN DC, RL = 10 kΩ, TA = 25°C ± 4
V
R
OUT
Output internal resistance
100
R
L
Load resistance
≥ 10
k
Accuracy - Dynamic performance data
X
Accuracy @ I
PN DC, TA = 25°C (excluding offset)
< ± 1 % of I
PN DC
ε
L
Linearity error (0 .. ± I
PN DC)
< ± 1 % of I
PN DC
V
OE
Electrical offset voltage, T
A = 25°C
< ± 30
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN DC
< ± 1 % of I
PN DC
TCV
OE
Temperature coefficient of V
OE
HTB 50-(T)P
< ± 2.0
mV/K
HTB 100-(T)P..400-P < ± 1.0
mV/K
TCV
OUT
Temperature coefficient of V
OUT (% of reading)
< ± 0.1
%/K
t
r
Response time to 90% of I
PN DC
< 3
µs
BW
Frequency bandwidth (0..-3 dB) 3)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
- 20 .. + 80
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
m
Mass (-TP version)
< 30 (< 36)
g
Standards
EN 50178: 1997
2 pins of Ø2mm diameter are available on transducer
for PCB soldering.
I
PN DC = ± 50 .. 400 A
Features
Hall effect measuring principle
Galvanic isolation between primary
and secondary circuit
Isolationvoltage2500V
Low power consumption
Wide power supply: ±12V to ±15V
Primary bus bar option for 50A and
100A version for ease of connection
Advantages
Small size and space saving
Only one design for wide current
ratings range
High immunity to external
interference.
Applications
AC variable speed drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
Application domain
Industrial
Current Transducers HTB 50..400-P
and HTB 50..100-TP
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
Notes :
1) -TP version is equipped with a primary bus bar.
2) Operating at ±12V
≤ Vc < ±15V will reduce measuring range.
3) Derating is needed to avoid excessive core heating at high frequency.
070313/11
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/2


Similar Part No. - HTB50-P

ManufacturerPart #DatasheetDescription
logo
LEM
HTB50-P LEM-HTB50-P Datasheet
66Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB50-P LEM-HTB50-P Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB50-P LEM-HTB50-P Datasheet
652Kb / 2P
Current Transducers
HTB50-P LEM-HTB50-P Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB50-P,HTB50-TP1 LEM-HTB50-P,HTB50-TP1 Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
More results

Similar Description - HTB50-P

ManufacturerPart #DatasheetDescription
logo
LEM
CT0.1-P LEM-CT0.1-P Datasheet
892Kb / 3P
Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
Current Transducers
HAZ4000-SB LEM-HAZ4000-SB_07 Datasheet
879Kb / 3P
Current Transducers
HTB100-P LEM-HTB100-P_07 Datasheet
652Kb / 2P
Current Transducers
HTC1000-S LEM-HTC1000-S_07 Datasheet
554Kb / 2P
Current Transducers
HY50-P LEM-HY50-P_06 Datasheet
679Kb / 2P
Current Transducers
HY5-P LEM-HY5-P_06 Datasheet
685Kb / 2P
Current Transducers
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
Current Transducers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com