Electronic Components Datasheet Search
  English  ▼

X  

PCA1070 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA1070
Description  Multistandard programmable analog CMOS transmission IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1070 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA1070 Datasheet HTML 14Page - NXP Semiconductors PCA1070 Datasheet HTML 15Page - NXP Semiconductors PCA1070 Datasheet HTML 16Page - NXP Semiconductors PCA1070 Datasheet HTML 17Page - NXP Semiconductors PCA1070 Datasheet HTML 18Page - NXP Semiconductors PCA1070 Datasheet HTML 19Page - NXP Semiconductors PCA1070 Datasheet HTML 20Page - NXP Semiconductors PCA1070 Datasheet HTML 21Page - NXP Semiconductors PCA1070 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1997 Jun 20
18
Philips Semiconductors
Product specification
Multistandard programmable analog
CMOS transmission IC
PCA1070
TEST CONDITIONS AND PARAMETER SETTINGS FOR THE CHARACTERISTICS
Table 18 Test conditions
Table 19 Test settings and control bits. All values, except RFC, are default. Programmable via the I2C-bus; bit codes
are given in Chapter “I2C-bus programming”.
SYMBOL
VALUE
UNIT
Iline
20
mA
VSS
0V
f
1000
Hz
Ip
0A
IVP
0A
fclk
3.597545
MHz
Tamb
25
°C
Zline
220
Ω + 820 Ω // 115 nF
Rm
150
Ω
Rt
150
Ω
SYMBOL
VALUE
VDCx
100
ZSAx
010
ZSBx
011
ZSPx
0011
GMAx
001111
GRAx
100110
ZOSAx
1010
ZOSBx
0110
ZOSPx
1001
DST
0
DLT
0
RFC
0
HPL
0
PDx
00
RRG
0
RM
0
SM
0
DPI
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com