Electronic Components Datasheet Search
  English  ▼

X  

LAH25-NP Datasheet(PDF) 1 Page - LEM

Part # LAH25-NP
Description  Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAH25-NP Datasheet(HTML) 1 Page - LEM

  LAH25-NP_06 Datasheet HTML 1Page - LEM LAH25-NP_06 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEM
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
page 1/2
060213/5
Current Transducer LAH 25-NP
For the electronic measurement of currents : DC, AC, pulsed ...,
with a galvanic isolation between the primary circuit
(high power) and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
25
At
I
P
Primary current, measuring range 1)
0 .. 55
At
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M min RMmax
R
M min RMmax
with ± 12 V
@ I
PN [± At DC ]
0
257
0
252
Ω
@ I
PN [At RMS ]
2)
0
155
0
150
Ω
with ± 15 V
@ I
PN [± At DC ]
67
371
70
366
Ω
@ I
PN [At RMS ]
2)
67
236
70
231
Ω
@ I
P
< I
PN
3)
I
SN
Secondary nominal r.m.s. current
25
mA
K
N
Conversion ratio
1 - 2 - 3 : 1000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
10 (@ ± 15V) + I
S mA
V
d
R.m.s. voltage for AC isolation test, 50/60 Hz, 1 mn
5
kV
V
b
R.m.s. rated voltage 4)
600
V
Accuracy - Dynamic performance data
X
Accuracy 5) @ I
PN, TA = 25°C
± 0.3
%
ε
L
Linearity error
< 0.2
%
Typ
Max
I
O
Offset current @ T
A = 25°C
± 0.15
mA
I
OM
Residual current @ I
P = 0, after an overload of 5 x IPN
± 0.20 ± 0.25
mA
I
OT
Thermal drift of I
O
0°C .. + 70°C
± 0.10 ± 0.60
mA
- 25°C .. + 85°C
± 0.10 ± 0.70
mA
t
r a
Reaction time @ 10 % of I
PN
< 200
ns
t
r
Response time 6) @ 90 % of I
PN
< 500
ns
di/dt
di/dt accurately followed
> 200
A/µs
f
Frequency bandwidth (- 1 dB)
DC .. 200
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance
@ T
A = 70°C
99
Ω
@ T
A = 85°C
104
Ω
m
Mass
20
g
Standards
EN 50178 : 1997
Notes : 1)During 10 s, with
R
M ≤ 109 Ω (VC = ± 15 V) - 2) 50 Hz Sinusoidal -
3) The measuring resistance R
M min may be lower (see "LAH Technical Informa-
tion" leaflet) - 4) Pollution class 2, cat. III - 5) Without I
O & IOM - 6) With a di/dt of
100 A/µs - 7)
Features
• Closed loop (compensated) multi-
range current transducer using the
Hall effect
• Printed circuit board mounting
• Insulated plastic case recognized
according to UL 94-V0.
Advantages
• Excellent accuracy
• Very good linearity
• Low temperature drift
• Optimized response time
• Wide frequency bandwidth
• No insertion losses
• High immunity to external
interference
• Current overload capability.
Applications
• AC variable speed drives and servo
motor drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
I
PN = 8-12-25 A
16038


Similar Part No. - LAH25-NP_06

ManufacturerPart #DatasheetDescription
logo
LEM
LAH25-NP LEM-LAH25-NP Datasheet
222Kb / 2P
Current Transducer LAH 25-NP
More results

Similar Description - LAH25-NP_06

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com