Electronic Components Datasheet Search
  English  ▼

X  

PCE-RCM8 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-RCM8
Description  Environmental Meter PCE-RCM 8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RCM8 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-RCM8 Datasheet HTML 1Page - PCE Instruments. PCE-RCM8 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range PM 1.0
0 ... 999 μg / m³
Accuracy
± 15%
Sensor technology  
Laser scattering
 
 
Measuring range PM 2.5
0 ... 999 μg / m³
Accuracy
± 15%
Sensor technology  
Laser scattering
 
 
Measuring range PM 10
0 ... 999 μg / m³
Accuracy
± 15%
Sensor technology  
Laser scattering
 
 
Measuring range HCHO
0.001 ... 1.999 mg / m³
Accuracy
± 15%
Sensor technology    
Electrochemical sensor 
 
 
Measuring range TVOC
0.001 ... 9.999 mg / m³
Accuracy
± 15%
Sensor technology
Semiconductor sensor 
 
 
Measuring range temperature        -10 ... 60°C / 14 ... 140°F
Resolution
0.1°C / 0.18°
Accuracy
± 15%
 
 
Measuring range humidity   
20 ... 99% rh
Resolution
1% rh
Accuracy
± 15%
 
 
Air Quality Index
0 ... 500
Measuring rate
1.5 s
Display
LCD display 320 x 240 pixels
Power supply
Built-in lithium ion battery 1000-mAh
Dimensions
155 x 87 x 35 mm / 6.1 x 3.4 x 1.4 in 
Storage conditions
-10 ... 60°C / 14 ... 140°F, 20 ... 85% rh
Weight
About 160 g / < 1 lb
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com