Electronic Components Datasheet Search
  English  ▼

X  

PCA1070P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA1070P
Description  Multistandard programmable analog CMOS transmission IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1070P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA1070P Datasheet HTML 5Page - NXP Semiconductors PCA1070P Datasheet HTML 6Page - NXP Semiconductors PCA1070P Datasheet HTML 7Page - NXP Semiconductors PCA1070P Datasheet HTML 8Page - NXP Semiconductors PCA1070P Datasheet HTML 9Page - NXP Semiconductors PCA1070P Datasheet HTML 10Page - NXP Semiconductors PCA1070P Datasheet HTML 11Page - NXP Semiconductors PCA1070P Datasheet HTML 12Page - NXP Semiconductors PCA1070P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1997 Jun 20
9
Philips Semiconductors
Product specification
Multistandard programmable analog
CMOS transmission IC
PCA1070
The total gain of the DTMF channel between the DTMF
input and the line LN is as follows:
GDTMF =Gma + 6 (dB)
Default GDTMF =15+6=21 dB
The confidence tone gain (DTMF to QR outputs) is:
With symmetrical drive of earpiece GCTs =Gra − 19 (dB)
Default GCTss = −6 − 19 = −25 dB.
At low gain settings (Gra < −10 dB), the confidence tone
gain will be slightly higher than the calculated value. This
is caused by a residual signal.
Programming the gain of the ‘sending prog-amp’ and the
‘rec prog-amp’ is given in Table 13.
Receiving channel
The gain of the receiving channel is defined between the
line connection LN and the earpiece outputs QR+ and
QR
−. Its voltage gain is default −6 dB (differential drive).
The LN terminal accepts receiving signals up to 1 V (RMS)
for THD = 2%. The outputs may be used to connect
dynamic, magnetic or piezoelectric earpieces with
single-ended or differential drive. The load select bit RFC
is set default to logic 1 to guarantee stable operation in
case of a capacitive load (piezoelectric earpiece). With a
resistive load (dynamic capsule) RFC should be set to
logic 0 via the I2C-bus interface to obtain optimum
performance with respect to distortion and bandwidth.
Two levels for hearing protection can be selected via the
I2C-bus interface with control bit HPL.
The earpiece arrangements are illustrated in Fig.6.
Fig.6 Earpiece arrangements.
handbook, halfpage
MGE340
QR
+
QR
−
(a)
symmetrical
(b)
single-ended
QR
+
VSS
QR
−
The gain of the receiving channel can be programmed
between
−19 dB and +11 dB (symmetrical drive) in 1 dB
steps using bit code GRAx (6 bits).
GRAx sets the gain of the ‘rec prog-amp’ (allowed range
Gra = −19 dB to +11 dB; default Gra = −6 dB).
The total gain of the receiving channel is as follows:
Symmetrical drive GRS =Gra (dB)
Default GRS = −6 dB.
Asymmetrical or single-ended drive GRA =GRS − 6 (dB)
Default Gra = −6 − 6 (dB) = −12 dB.
Programming the gain Gra of the ‘rec prog-amp’ is given in
Table 13.
Sidetone balance
The PCA1070 has an on-chip anti-sidetone circuit.
An internal balance impedance Zoss can be programmed
via the I2C-bus interface to match the external line
impedance Zline to give optimum sidetone suppression.
Zoss =Rsa +(Rsb // Cs).
Programming the sidetone balance impedance is given in
Tables 14, 15 and 16.
Line current control
The DC line current can be read via the I2C-bus interface.
This information can be used for the adaptation of
transmission parameters (for example line loss
compensation, sidetone balance and DC characteristic).
The bit code LCx as a function of line current is given in
Table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com