Electronic Components Datasheet Search
  English  ▼

X  

AM23ESGC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AM23ESGC
Description  SOT-23 SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM23ESGC Datasheet(HTML) 1 Page - Kingbright Corporation

  AM23ESGC Datasheet HTML 1Page - Kingbright Corporation AM23ESGC Datasheet HTML 2Page - Kingbright Corporation AM23ESGC Datasheet HTML 3Page - Kingbright Corporation AM23ESGC Datasheet HTML 4Page - Kingbright Corporation AM23ESGC Datasheet HTML 5Page - Kingbright Corporation AM23ESGC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAA8612
REV NO: V.6
DATE: MAY/08/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1202000004
SOT-23 SURFACE MOUNT LED LAMP
Part Number: AM23ESGC
High Efficiency Red
Super Bright Green
Features
SOT-23 PACKAGE SURFACE MOUNT LED LAMP.
LOW POWER CONSUMPTION.
LONG LIFE - SOLID STATE RELIABILITY.
PACKAGE: 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge from the package.
4. Specifications are subject to change without notice.
5.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AM23ESGC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AM23ESGC TO-GRACE-AM23ESGC Datasheet
901Kb / 4P
SOT-23 Surface Mount LED Lamp
More results

Similar Description - AM23ESGC

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-SOT23D-DR GILWAY-GHB-SOT23D-DR Datasheet
144Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23EC-F KINGBRIGHT-AM23EC-F Datasheet
280Kb / 5P
SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKVG48W SUNLED-ZMDKVG48W Datasheet
215Kb / 5P
SOT-23 SURFACE MOUNT LED LAMP
ZUR48WA SUNLED-ZUR48WA Datasheet
186Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
ZMG48WA SUNLED-ZMG48WA Datasheet
187Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
ZUY48WA SUNLED-ZUY48WA Datasheet
189Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23CGCK-F KINGBRIGHT-AM23CGCK-F Datasheet
286Kb / 4P
SOT-23 Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AM23SGC-F TO-GRACE-AM23SGC-F Datasheet
817Kb / 4P
SOT-23 Surface Mount LED Lamp
AM23SRD-F TO-GRACE-AM23SRD-F Datasheet
1Mb / 5P
SOT-23 SURFACE MOUNT LED LAMP
KM-23ESGC TO-GRACE-KM-23ESGC Datasheet
909Kb / 4P
SOT-23 Surface Mount LED Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com