Electronic Components Datasheet Search
  English  ▼

X  

LB1000-SP2 Datasheet(PDF) 3 Page - LEM

Part # LB1000-SP2
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LB1000-SP2 Datasheet(HTML) 3 Page - LEM

  LB1000-SP2 Datasheet HTML 1Page - LEM LB1000-SP2 Datasheet HTML 2Page - LEM LB1000-SP2 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LEM Components
www.lem.com
Page 3/3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
050816/1
Secondary terminals
Terminal + : supply voltage + 15 V
Terminal M : measure
Terminal
- : supply voltage - 15 V
Connection
Remarks
• I
S is positive when IP flows in the direction of the arrow.
• Temperature of the primary conductor should not exceed
100°C.
• Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
Mechanical characteristics
• General tolerance
± 0.5 mm
• Fastening
4 slots
∅ 7 mm
4 M5 steel screws
Recommended fastening torque
4 Nm or 2.95 Lb. - Ft.
• Primary through-hole
∅ 40 mm
• Connection of secondary
Faston 6.3 x 0.8 mm.
Dimensions LB 1000-SI/SP2 (in mm. 1 mm = 0.0394 inch)
Front view
Top view
Left view



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com