Electronic Components Datasheet Search
  English  ▼

X  

SJ-4351X Datasheet(PDF) 2 Page - CUI Devices

Part # SJ-4351X
Description  AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SJ-4351X Datasheet(HTML) 2 Page - CUI Devices

  SJ-4351X Datasheet HTML 1Page - CUI Devices SJ-4351X Datasheet HTML 2Page - CUI Devices SJ-4351X Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cuidevices.com
CUI Devices
│ SERIES: SJ-4351X │ DESCRIPTION: AUDIO JACK
date 01/31/2020
│ page 2 of 3
4.50 0.177
1.30 0.051
2.90 0.114
7.90 0.311
11.00.433
3.20 0.126
3.60 0.142
4.80 0.189
4.50 0.177
1.10 0.043
(7 PLCS)
3.20.126
3.60.142
4.50.177
4.80.189
2.25 0.089
0.2
4.9 0.193
4.7 0.184
0.169
4.3
5.3 0.209
1.00 0.039
(TYP)
1.0 0.039
0.3
0.3
2.90.114
0.3
7.90.311
11.00.433
1.000 0.039
(2 PLCS)
0.118
3.0
3.5 0.138
0.031
(5 PLCS)
0.3
0.551
14.0
0.80
2.50.098
3.6 0.142
6.00 0.236
0.197
5.0
0.177
4.5
2.0 0.079
0.3
PCB Edge
TOP VIEW
PCB LAYOUT
NOTE: Tolerance for PCB Layout is ± 0.05mm
1
4
5
2
3
1
4
2
5
3
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
phosphor bronze
gold
terminal 2
titanium copper
tin
terminal 3
phosphor bronze
tin
terminal 4
phosphor bronze
tin
terminal 5
brass
tin
plastic
PA66
Model No.
SJ-43514
SJ-43515TS
Schematic
PIN
1
sleeve
sleeve
2
tip
tip
3
ring 1
ring 1
4
ring 2
ring 2
5
NP
tip switch
units: mm[inches]
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
14
Ø 3.5 MATING PLUG
3
5
4
2
1
3
4
2
1
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com