Electronic Components Datasheet Search
  English  ▼

X  

SJ-63013G Datasheet(PDF) 2 Page - CUI Devices

Part # SJ-63013G
Description  AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SJ-63013G Datasheet(HTML) 2 Page - CUI Devices

  SJ-63013G Datasheet HTML 1Page - CUI Devices SJ-63013G Datasheet HTML 2Page - CUI Devices SJ-63013G Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cuidevices.com
CUI Devices
│ MODEL: SJ-63013G │ DESCRIPTION: AUDIO JACK
date 08/11/2020
│ page 2 of 3
MECHANICAL DRAWING
units: mm
tolerance: ±0.3 mm
Model No.
SJ-63013G
Schematic
PIN
2
isolated transfer terminal
3
isolated break terminal (N-C)
4
tip
8
ring
9
sleeve
31
4
8
9
Ø6.35 MATING PLUG
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
transfer terminal
phosphor bronze
silver
2
break terminal
brass
silver
3
tip spring
phosphor bronze
silver
4
ring spring
phosphor bronze
silver
5
housing
POM (UL94HB)
black
6
cover
steel
nickel
7
barrel
brass
nickel
8
insulator
vulcanized fiber
red
9
insulator
POM (UL94HB)
ivory
10
nut
steel
nickel
11
washer
steel
nickel
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com