Electronic Components Datasheet Search
  English  ▼

X  

LF205-P Datasheet(PDF) 2 Page - LEM

Part # LF205-P
Description  Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF205-P Datasheet(HTML) 2 Page - LEM

  LF205-P Datasheet HTML 1Page - LEM LF205-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Secondary terminals
Terminal +
: supply voltage + 12 .. 15 V
Terminal M : measure
Terminal -
: supply voltage - 12 .. 15 V
Remarks
• I
S is positive when IP flows in the direction of the arrow.
• Temperature of the primary conductor should not exceed
100°C.
• Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
• This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
• General tolerance
± 0.2 mm
• Fastening & secondary connection 3 pins 0.63x0.56 mm
Recommanded PCB hole
∅ 0.9 mm
• Primary through-hole
∅ 15.5 mm
• Supplementary fastening
2 holes
∅ 1.75 mm
Recommended PCB hole
2.4 mm
Recommended screws
KA22 x 6
LEM code
47.30.60.006.0
Dimensions LF 205-P (in mm. 1 mm = 0.0394 inch)
Bottom view
Top view
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Connection
Front view
Back view
Left view



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com